Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV300 Datasheet(PDF) 33 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 33 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 29Page - ams-OSRAM AG CMV300 Datasheet HTML 30Page - ams-OSRAM AG CMV300 Datasheet HTML 31Page - ams-OSRAM AG CMV300 Datasheet HTML 32Page - ams-OSRAM AG CMV300 Datasheet HTML 33Page - ams-OSRAM AG CMV300 Datasheet HTML 34Page - ams-OSRAM AG CMV300 Datasheet HTML 35Page - ams-OSRAM AG CMV300 Datasheet HTML 36Page - ams-OSRAM AG CMV300 Datasheet HTML 37Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 31 of 54
© 2016 CMOSIS bvba
648
Number_lines
start1
FIGURE 35: SINGLE WINDOW SETTINGS
5.3.2 MULTIPLE WINDOWS
The CMV300 can read out a maximum of 8 different subwindows in one read-out cycle. The location and length of these
subwindows must be programmed in the correct registers. The total number of lines to be read-out (sum of all windows)
needs to be specified in the Number_lines register. The registers which need to be programmed for the multiple
windows can be found in the table below.
Windowing – multiple windows
Register name
Register address
Default value
Description of the value
Number_lines
1-2
488
The value in this register defines the total number of lines
read-out by the sensor (min=1, max=488)
start1
3-4
0
The value in this register defines the start address of the
first window in Y (min=0, max=487)
Number_lines1
19-20
0
The value in this register defines the number of lines of the
first window (min=1, max=488)
start2
5-6
0
The value in this register defines the start address of the
second window in Y (min=0, max=487)
Number_lines2
21-22
0
The value in this register defines the number of lines of the
second window (min=1, max=488)
start3
7-8
0
The value in this register defines the start address of the
third window in Y (min=0, max=487)
Number_lines3
23-24
0
The value in this register defines the number of lines of the
third window (min=1, max=488)
start4
9-10
0
The value in this register defines the start address of the
fourth window in Y (min=0, max=487)
Number_lines4
25-26
0
The value in this register defines the number of lines of the
fourth window (min=1, max=488)
start5
11-12
0
The value in this register defines the start address of the
fifth window in Y (min=0, max=487)
Number_lines5
27-28
0
The value in this register defines the number of lines of the
fifth window (min=1, max=488)
start6
13-14
0
The value in this register defines the start address of the
sixth window in Y (min=0, max=487)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com