Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV300 Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 13Page - ams-OSRAM AG CMV300 Datasheet HTML 14Page - ams-OSRAM AG CMV300 Datasheet HTML 15Page - ams-OSRAM AG CMV300 Datasheet HTML 16Page - ams-OSRAM AG CMV300 Datasheet HTML 17Page - ams-OSRAM AG CMV300 Datasheet HTML 18Page - ams-OSRAM AG CMV300 Datasheet HTML 19Page - ams-OSRAM AG CMV300 Datasheet HTML 20Page - ams-OSRAM AG CMV300 Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 15 of 54
© 2016 CMOSIS bvba
Parameter
Description
Conditions
min
typ
max
Units
∆VOC
Difference in
VOC between
complementary
output states
Steady State, RL
= 100Ω
50
mV
IOS,GND
Output short
circuit current
to ground
VOUTP=VOUTN=GND
24
mA
IOS,PN
Output short
circuit current
VOUTP=VOUTN
12
mA
3.5 INPUT CLOCK
The input clock (CLK_IN) defines the output data rate of the CMV300. This master clock (CLK_IN) is 12 times slower than
the output date rate. The maximum data rate of the output is 480Mbps which results in a CLK_IN of 40MHz. The
minimum frequency is 10MHz for CLK_IN. Any frequency between the minimum and maximum can be applied by the
user and will result in a corresponding output data rate. The SPI register with address 83 must be programmed to the
correct frequency range when the CLK_IN frequency is changed.
3.6 FRAME RATE CALCULATION
The frame rate of the CMV300 is defined by 2 main factors.
1.
Exposure time
2.
Read out time
For ease of use we will assume that the exposure time is no longer than the read out time. By assuming this the frame
rate is completely defined by the read out time (because the exposure time happens in parallel with the read-out time).
The read-out time (and thus the frame rate) is defined by:
1.
Output clock speed: max 480Mbps
2.
Number of lines read-out
3.
Number of outputs used: max 4 LVDS outputs (2 on the top and 2 on the bottom) or one parallel CMOS output
This means that if any of the parameters above is changed, it will have an impact on the frame rate of the CMV300. In
normal operation (4 outputs @ 480Mbps, 12 bit and full resolution) this will result in 480 fps.
Total readout time is composed of two parts: FOT (frame overhead time) + image readout time.
������������������ = (
4
# ������������������������������������ ������������������������������������������ ������������������������
+
������������������58
4
) ∗ 325 ∗ ������������������_������������������
With clk_per being the period of CLK_IN. The FOT consists of a time where the pixels are prepared for read out:
(
������������������58
4
) ∗ 325 ∗ ������������������_������������������
And an idle time until read out starts, depending on the used channels:
(
4
# ������������������������������������ ������������������������������������������ ������������������������
) ∗ 325 ∗ ������������������_������������������
With clk_per being equal to one period of CLK_IN and reg58 should be a multiple of 4. The FOT consists of the actual
FOT (where the control channel FOT bit is ‘1’) and 2 (using 4 outputs) or 4 (using 2 or 1 outputs) line times where the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com