Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV300 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 9Page - ams-OSRAM AG CMV300 Datasheet HTML 10Page - ams-OSRAM AG CMV300 Datasheet HTML 11Page - ams-OSRAM AG CMV300 Datasheet HTML 12Page - ams-OSRAM AG CMV300 Datasheet HTML 13Page - ams-OSRAM AG CMV300 Datasheet HTML 14Page - ams-OSRAM AG CMV300 Datasheet HTML 15Page - ams-OSRAM AG CMV300 Datasheet HTML 16Page - ams-OSRAM AG CMV300 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 11 of 54
© 2016 CMOSIS bvba
and do not contain useful image data. This means that the useable image data area is 644 x 484. This results in an optical
area of 1/3 optical inch (5.9 mm). This means that off-the-shelf C-mount lenses can be used.
2.2 ANALOG FRONT END
The analog front end consists of 2 major parts, a column amplifier block and a column ADC block.
The column amplifier prepares the pixel signal for the column ADC and applies analog gain if desired (programmable
using the SPI interface). The column ADC converts the analog pixel value to a 12 bit value. A digital offset can also be
applied to the output of the column ADC’s. All gain and offset settings can be programmed using the SPI interface.
2.3 LVDS BLOCK
The LVDS block converts the digital data coming from the column ADC into standard serial LVDS data running at
maximum 300Mbps. The sensor has 6 LVDS output pairs:
4 Data channels
1 Control channel
1 Clock channel
The 4 data channels are used to transfer 12-bit data words from sensor to receiver. The output clock channel transports
a DDR clock, synchronous to the data on the other LVDS channels. This clock can be used at the receiving end to sample
the data. The data on the control channel contains status information on the validity of the data on the data channels,
among other useful sensor status information. Details on the LVDS timing and format can be found in section 4 of this
document.
2.4 PARALLEL CMOS OUTPUT BLOCK
The parallel CMOS block sends the digital data coming from the column ADC to a standard CMOS parallel output
(supplied by VDD20) running at maximum 25MHz. The parallel output has 13 pins:
10 Data channels
2 Control channels
1 Clock channel
The 10 data channels are used to transfer 10-bit pixel data from the sensor to a receiver. The output clock channel
transports a clock, synchronous to the data on the data channels. This clock can be used at the receiving end to sample
the data. The data on the control channels contains status information on the validity of the data on the data channels
(LVAL, DVAL). Details on the parallel CMOS timing and format can be found in section 4 of this document.
2.5 SEQUENCER
The on-chip sequencer will generate all required control signals to operate the sensor from only a few external control
signals. This sequencer can be activated and programmed through the SPI interface. A detailed description of the SPI
registers and sensor (sequencer) programming can be found in section 5 of this document.
2.6 SPI INTERFACE
The SPI interface is used to load the sequencer registers with data. The data in these registers is used by the sequencer
while driving and reading out the image sensor. Features like windowing, subsampling, gain and offset are programmed
using this interface. The data in the on-chip registers can also be read back for test and debug of the surrounding system.
Section 5 contains more details on register programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com