Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV300 Datasheet(PDF) 40 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 40 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 36Page - ams-OSRAM AG CMV300 Datasheet HTML 37Page - ams-OSRAM AG CMV300 Datasheet HTML 38Page - ams-OSRAM AG CMV300 Datasheet HTML 39Page - ams-OSRAM AG CMV300 Datasheet HTML 40Page - ams-OSRAM AG CMV300 Datasheet HTML 41Page - ams-OSRAM AG CMV300 Datasheet HTML 42Page - ams-OSRAM AG CMV300 Datasheet HTML 43Page - ams-OSRAM AG CMV300 Datasheet HTML 44Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 38 of 54
© 2016 CMOSIS bvba
FIGURE 39: RECOMMENDED ADC_GAIN SETTING PER CLOCK SPEED
FIGURE 40: ADC VALUE VS ACTUAL GAIN
5.14 TEST IMAGE
The sensor can output a fixed test image, which can be used to test the functional workings of the sensor and pixel
mapping. The test image can be enabled by setting reg 67[0] to 1. The image should not contain any temporal noise as
it is fixed and injected at the end of the image readout chain, at the lvds drivers.
y = -0.4x + 64
46
48
50
52
54
56
58
60
62
5
10
15
20
25
30
35
40
45
LVDS_CLK_IN/12 or CLK_IN [MHz]
ADC_gain vs. Clock
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64
ADC_gain setting
ADC_gain vs relative gain
40MHz
30MHz
20MHz
10MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com