Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV300 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 12Page - ams-OSRAM AG CMV300 Datasheet HTML 13Page - ams-OSRAM AG CMV300 Datasheet HTML 14Page - ams-OSRAM AG CMV300 Datasheet HTML 15Page - ams-OSRAM AG CMV300 Datasheet HTML 16Page - ams-OSRAM AG CMV300 Datasheet HTML 17Page - ams-OSRAM AG CMV300 Datasheet HTML 18Page - ams-OSRAM AG CMV300 Datasheet HTML 19Page - ams-OSRAM AG CMV300 Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 14 of 54
© 2016 CMOSIS bvba
Pin name
Description
T_EXP1
Input pin which can be used to program the exposure
time externally. This signal should be at least one
period of CLK_IN long to assure detection.
T_EXP2
Input pin which can be used to program the exposure
time externally in interleaved high dynamic range
mode. This signal should be at least one period of
CLK_IN long to assure detection.
3.4 ELECTRICAL IO SPECIFICATIONS
3.4.1 DIGITAL IO CMOS/TTL DC SPECIFICATIONS
Parameter
Description
Conditions
min
typ
max
Units
VIH
High level input
voltage
2.0
VDD33
V
VIL
Low level input
voltage
GND
0.8
V
VOH
High level
output voltage
VDD=3.3V
IOH=-2mA
2.4
V
VOL
Low level output
voltage
VDD=3.3V
IOL=2mA
0.4
V
3.4.2 PARALLEL CMOS OUTPUT DC SPECIFICATIONS
Parameter
Description
Conditions
min
typ
max
Units
VOH
High level
output voltage
VDD20=2.2V
IOH=-2mA
2.0
V
VOL
Low level output
voltage
VDD20=2.2V
IOL=2mA
0.2
V
3.4.3 LVDS RECEIVER SPECIFICATIONS
Parameter
Description
Conditions
min
typ
max
Units
VID
Differential
input voltage
Steady state
100
350
600
mV
VIC
Receiver
input range
Steady state
0.0
2.4
V
IID
Receiver
input current
VINP|INN=1.2V±50mV,
0≤ VINP|INN≤2.4V
20
µA
∆IID
Receiver
input current
difference
|IINP – IINN|
6
µA
3.4.4 LVDS DRIVER SPECIFICATIONS
Parameter
Description
Conditions
min
typ
max
Units
VOD
Differential
output voltage
Steady State, RL
= 100Ω
247
350
454
mV
∆VOD
Difference in
VOD between
complementary
output states
Steady State, RL
= 100Ω
50
mV
VOC
Common mode
voltage
Steady State, RL
= 100Ω
1.125
1.25
1.375
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com