Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128 Datasheet(PDF) 68 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 64Page - STMicroelectronics RIVA128 Datasheet HTML 65Page - STMicroelectronics RIVA128 Datasheet HTML 66Page - STMicroelectronics RIVA128 Datasheet HTML 67Page - STMicroelectronics RIVA128 Datasheet HTML 68Page - STMicroelectronics RIVA128 Datasheet HTML 69Page - STMicroelectronics RIVA128 Datasheet HTML 70Page - STMicroelectronics RIVA128 Datasheet HTML 71Page - STMicroelectronics RIVA128 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
68/77
Byte offsets 0x13 - 0x10
Base Memory Address Register (0x13 - 0x10)
0x13
0x12
0x11
0x10
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Bits
Function
R W I
31:24
The BASE_ADDRESS bits contain the most significant bits of the base
address of the device. This indicates that the RIVA 128 requires a 16MByte
block of contiguous memory beginning on a 16MByte boundary. This memory
range contains memory-mapped registers and FIFOs and should not be set
as part of a PentiumPro™’s write combining range.
R W 0
23:4
The BASE_RESERVED bits form the least significant bits of the base address
and are hardwired to 0.
R - 0
3
The PREFETCHABLE bit indicates that there are no side effects on reads,
that the device returns all bytes on reads regardless of the byte enables, and
that host bridges can merge processor writes into this range without causing
errors.
R - 1
2:1
The ADDRESS_TYPE bits contain the type (width) of the Base Address.
0=32-bit
R - 0
0
The SPACE_TYPE bit indicates whether the register maps into Memory or I/O
space.
0=Memory space
R - 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com