Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128 Datasheet(PDF) 21 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 17Page - STMicroelectronics RIVA128 Datasheet HTML 18Page - STMicroelectronics RIVA128 Datasheet HTML 19Page - STMicroelectronics RIVA128 Datasheet HTML 20Page - STMicroelectronics RIVA128 Datasheet HTML 21Page - STMicroelectronics RIVA128 Datasheet HTML 22Page - STMicroelectronics RIVA128 Datasheet HTML 23Page - STMicroelectronics RIVA128 Datasheet HTML 24Page - STMicroelectronics RIVA128 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
21/77
5
PCI 2.1 LOCAL BUS INTERFACE
5.1
RIVA 128 PCI INTERFACE
The RIVA 128 supports a glueless interface to PCI 2.1 with both master and slave capabilities. The host
interface is fully compliant with the 32-bit PCI 2.1 specification.
The Multimedia Accelerator supports PCI bus operation up to 33MHz with zero-wait state capability and
full bus mastering capability handling burst reads and burst writes.
Figure 10.
PCI interface pin connections
Table 3.
PCI bus commands supported by the RIVA 128
Bus master
Bus slave
Memory read and write
Memory read and write
Memory read line
I/O read and write
Memory read multiple
Configuration read and write
Memory read line
Memory read multiple
Memory write invalidate
PCICBE[3:0]#
PCIAD[31:0]
PCIFRAME#
32
4
PCIDEVSEL#
PCIIRDY#
PCITRDY#
PCISTOP#
PCIIDSEL
PCIREQ#
PCIGNT#
PCICLK
PCIRST#
PCIPAR
PCIINTA#
RIVA 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com