Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128 Datasheet(PDF) 73 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 69Page - STMicroelectronics RIVA128 Datasheet HTML 70Page - STMicroelectronics RIVA128 Datasheet HTML 71Page - STMicroelectronics RIVA128 Datasheet HTML 72Page - STMicroelectronics RIVA128 Datasheet HTML 73Page - STMicroelectronics RIVA128 Datasheet HTML 74Page - STMicroelectronics RIVA128 Datasheet HTML 75Page - STMicroelectronics RIVA128 Datasheet HTML 76Page - STMicroelectronics RIVA128 Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 73 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
73/77
Byte offset 0x3F - 0x3C
MAX_LAT Register (0x3F
)
MIN_GNT Register (0x3E)
Interrupt Pin Register (0x3D)
Interrupt Line Register (0x3C)
0x3F
0x3E
0x3D
0x3C
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Bits
Function
R W I
31:24
The MAX_LAT bits contain the maximum time the RIVA 128 requires to gain
access to the PCI bus. This read-only register is used to specify the RIVA
128’s desired settings for Latency Timer values. The value specifies a period
of time in units of 250ns.
1=250ns
R - 1
Bits
Function
R W I
23:16
The MIN_GNT bits contain the length of the burst period the RIVA 128 needs,
assuming a clock rate of 33MHz. This read-only register is used to specify the
RIVA 128's desired settings for Latency Timer values. The value specifies a
period of time in units of 250ns.
3=750ns
R - 3
Bits
Function
R W I
15:8
The INTERRUPT_PIN bits contain the interrupt pin the device (or device func-
tion) uses. A value of 1 corresponds to INTA#.
R - 1
Bits
Function
R W I
7:0
The INTERRUPT_LINE bits contain the interrupt routing information. POST
software will write the routing information into this register as it initializes and
configures the system. The value in this field indicates which input of the sys-
tem interrupt controller(s) the RIVA 128's interrupt pin is connected to. Device
drivers and operating systems can use this information to determine priority
and vector information. INTERRUPT_LINE is initialized to 0xFF (no connec-
tion) at reset.
0=Interrupt line IRQ0
1=Interrupt line IRQ1
0xF=Interrupt line IRQ15
0xFF=No interrupt line connection (reset value)
R W 0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com