Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128 Datasheet(PDF) 55 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 51Page - STMicroelectronics RIVA128 Datasheet HTML 52Page - STMicroelectronics RIVA128 Datasheet HTML 53Page - STMicroelectronics RIVA128 Datasheet HTML 54Page - STMicroelectronics RIVA128 Datasheet HTML 55Page - STMicroelectronics RIVA128 Datasheet HTML 56Page - STMicroelectronics RIVA128 Datasheet HTML 57Page - STMicroelectronics RIVA128 Datasheet HTML 58Page - STMicroelectronics RIVA128 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
55/77
11.6 TV OUTPUT SUPPORT
Reference clock options
The RIVA 128 supports two synthesizer reference
clock frequencies; 13.5MHz and 14.31818MHz.
The reference clock frequency is determined by a
crystal or reference clock connected to the XTA-
LIN and XTALOUT pins. Where TV-out is support-
ed, XTALOUT should be driven by a 13.5MHz ref-
erence clock derived from an external NTSC/PAL
clock source as illustrated in Figure 59. The clock
frequency should match the power-on configura-
tion setting described in Section 10, page 49.
PAL/NTSC TV interface
The RIVA 128 supports TV output through an ex-
ternal Analog Devices AD722 PAL/NTSC RGB
encoder chip as shown in Figure 59. A MicroClock
MK2715 NTSC/PAL clock chip provides a com-
mon source for synchronization of the pixel and
subcarrier clocks. In TV output modes the RIVA
128 XTALOUT pin must be externally driven from
the MK2715 reference clock output, with XTALIN
tied to GND.
The MK2715 requires a number of external com-
ponents for proper operation. For crystal input a
parallel resonant 13.5000MHz crystal is recom-
mended, with a frequency tolerance of 50ppm or
better. Capacitors should be connected from X1
and X2 to GND as shown in Figure 59. Alternative-
ly a clock input (e.g. ClockCan) can be connected
to X1, leaving X2 disconnected. Further details are
given in the MK2715 datasheet [8].
Figure 59.
TV output implementation
75
Ω
75
Ω
75
Ω
RIVA 128
R
G
B
VIDHSYNC
AD722 TV
RGB Encoder
RIN
GIN
BIN
HSYNC
FIN
YOUT
COUT
CVOUT
220
µF
220
µF
220
µF
75
Ω
MK2715
NTSC/PAL
Clock Source
33
Ω
4XCLK
REFOUT
XTALOUT
XTALIN
33
Ω
330
Ω
220
Ω
5V
27pF
27pF
13.50000MHz
crystal
X1/ICLK
X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com