Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 1 Page - STMicroelectronics

  RIVA128 Datasheet HTML 1Page - STMicroelectronics RIVA128 Datasheet HTML 2Page - STMicroelectronics RIVA128 Datasheet HTML 3Page - STMicroelectronics RIVA128 Datasheet HTML 4Page - STMicroelectronics RIVA128 Datasheet HTML 5Page - STMicroelectronics RIVA128 Datasheet HTML 6Page - STMicroelectronics RIVA128 Datasheet HTML 7Page - STMicroelectronics RIVA128 Datasheet HTML 8Page - STMicroelectronics RIVA128 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
RIVA 128™
128-BIT 3D MULTIMEDIA ACCELERATOR
®
1/77
The information in this datasheet is subject to change
42 1687 01 (SGS-THOMSON)
October 1997
BLOCK DIAGRAM
Palette DAC
YUV - RGB,
Graphics Engine
128 bit 2D
Direct3D
SGRAM Interface
VGA
DMA Bus
CCIR656
Video
PCI/AGP
128 bit
interface
Monitor/
TV
1.6 GByte/s
Internal Bus
Bandwidth
DMA Engine
Video Port
X & Y scaler
Host
Interface
FIFO/
DMA
Pusher
DMA Engine
DESCRIPTION
The RIVA 128™ is the first 128-bit 3D Multimedia
Accelerator to offer unparalleled 2D and 3D perfor-
mance, meeting all the requirements of the main-
stream PC graphics market and Microsoft’s
PC’97. The RIVA 128 introduces the most ad-
vanced Direct3D™ acceleration solution and also
delivers leadership VGA, 2D and Video perfor-
mance, enabling a range of applications from 3D
games through to DVD, Intercast™ and video con-
ferencing.
KEY FEATURES
Fast 32-bit VGA/SVGA
High performance 128-bit 2D/GUI/DirectDraw
Acceleration
Interactive, Photorealistic Direct3D Accelera-
tion with advanced effects
Massive 1.6Gbytes/s, 100MHz 128-bit wide
frame buffer interface
Video Acceleration for DirectDraw/DirectVideo,
MPEG-1/2 and Indeo®
-
Planar 4:2:0 and packed 4:2:2 Color Space
Conversion
-
X and Y smooth up and down scaling
230MHz
Palette-DAC
supporting
up
to
1600x1200@75Hz
NTSC and PAL output with flicker-filter
Multi-function Video Port and serial interface
Bus mastering DMA 66MHz Accelerated
Graphics Port (AGP) 1.0 Interface
Bus mastering DMA PCI 2.1 interface
0.35 micron 5LM CMOS
300 PBGA


Similar Part No. - RIVA128

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RIVA128ZX STMICROELECTRONICS-RIVA128ZX Datasheet
609Kb / 85P
128-BIT 3D MULTIMEDIA ACCELERATOR
Jun-1998
More results

Similar Description - RIVA128

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RIVA128ZX STMICROELECTRONICS-RIVA128ZX Datasheet
609Kb / 85P
128-BIT 3D MULTIMEDIA ACCELERATOR
Jun-1998
logo
Catalyst Semiconductor
CAT24C00 CATALYST-CAT24C00 Datasheet
414Kb / 10P
128-bit Serial EEPROM
logo
Hantronix,Inc
HDM128GS12-3 HANTRONIX-HDM128GS12-3 Datasheet
30Kb / 1P
128 X 128 Dots Graphic
HDM128GS12Y HANTRONIX-HDM128GS12Y Datasheet
31Kb / 1P
128 X 128 Dots Graphic
logo
Catalyst Semiconductor
CAT24C00 CATALYST-CAT24C00_05 Datasheet
624Kb / 10P
128-Bit Serial EEPROM
logo
STMicroelectronics
STM32L162VD STMICROELECTRONICS-STM32L162VD Datasheet
1Mb / 115P
AES 128-bit encryption hardware accelerator
11-Feb-2016
STM32L162QC STMICROELECTRONICS-STM32L162QC Datasheet
1Mb / 128P
AES-128 bit encryption hardware accelerator
18-Mar-2016
logo
Vishay Siliconix
LCD-128H128A VISHAY-LCD-128H128A Datasheet
70Kb / 3P
128 x 128 Graphic LCD
06-Nov-12
LCD-128H128A VISHAY-LCD-128H128A_V01 Datasheet
67Kb / 3P
128 x 128 Graphic LCDs
06-Nov-12
LCD-128H128A VISHAY-LCD-128H128A_V02 Datasheet
67Kb / 3P
128 x 128 Graphic LCD
06-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com