Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128 Datasheet(PDF) 53 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 49Page - STMicroelectronics RIVA128 Datasheet HTML 50Page - STMicroelectronics RIVA128 Datasheet HTML 51Page - STMicroelectronics RIVA128 Datasheet HTML 52Page - STMicroelectronics RIVA128 Datasheet HTML 53Page - STMicroelectronics RIVA128 Datasheet HTML 54Page - STMicroelectronics RIVA128 Datasheet HTML 55Page - STMicroelectronics RIVA128 Datasheet HTML 56Page - STMicroelectronics RIVA128 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
53/77
11.4 SERIAL INTERFACE
The RIVA 128 serial interface supports connection
to DDC1/2B, DDC2AB and DDC2B+ compliant
monitors and to serial interface controlled video
decoders and tuners. Supported video decoder
chips include Philips SAA7110, SAA7111A, ITT
3225 and Samsung KS0127. For details of ad-
dress locations and protocols applying to specific
parts refer to the appropriate manufacturer’s
datasheet.
The serial interface in RIVA 128 requires operation
under software control to provide emulation of the
interface standard. RIVA 128 can act as a master
for communication with slave devices like those
mentioned above. It also acts as a master when in-
terfacing to a DDC1/2 compatible monitor. Al-
though it is not Access.bus compatible, it can com-
municate with a DDC2AB compatible monitor via
the DDC2B+ protocol. (No other Access.bus pe-
ripherals can be attached although other serial de-
vices may co-reside on the DDC bus). The RIVA
128 can clock stretch incoming messages in the
event that the software handler is interrupted by
another task.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com