Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128 Datasheet(PDF) 35 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 31Page - STMicroelectronics RIVA128 Datasheet HTML 32Page - STMicroelectronics RIVA128 Datasheet HTML 33Page - STMicroelectronics RIVA128 Datasheet HTML 34Page - STMicroelectronics RIVA128 Datasheet HTML 35Page - STMicroelectronics RIVA128 Datasheet HTML 36Page - STMicroelectronics RIVA128 Datasheet HTML 37Page - STMicroelectronics RIVA128 Datasheet HTML 38Page - STMicroelectronics RIVA128 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
35/77
Figure 34.
SGRAM Active to Read or Write
Table 8.
SGRAM timing parameters
Symbol
Parameter
Min.
Max.
Unit
Notes
tCS
FBCSx, FBRAS#, FBCAS#, FBWE#,
FBDQM setup time
3ns
tCH
FBCSx, FBRAS#, FBCAS#, FBWE#,
FBDQM hold time
1ns
tMTC
Load Mode register command to command
2
tCK
tRAS
Active to Precharge command period
7
tCK
tRC
Active to Active command period
10
tCK
tRCD
Active to Read or Write delay
3
tCK
tREF
Refresh period (1024 cycles)
16
ms
tRP
Precharge command period
4
tCK
tRRD
Active bank A to Active bank B command
period
3tCK
tT
Transition time
1
ns
tWR
Write recovery time
2
tCK
active
nop
nop
tRCD
read or write
FBCLKx
Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com