Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128 Datasheet(PDF) 71 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 67Page - STMicroelectronics RIVA128 Datasheet HTML 68Page - STMicroelectronics RIVA128 Datasheet HTML 69Page - STMicroelectronics RIVA128 Datasheet HTML 70Page - STMicroelectronics RIVA128 Datasheet HTML 71Page - STMicroelectronics RIVA128 Datasheet HTML 72Page - STMicroelectronics RIVA128 Datasheet HTML 73Page - STMicroelectronics RIVA128 Datasheet HTML 74Page - STMicroelectronics RIVA128 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
71/77
Byte offsets 0x33 - 0x30
Expansion ROM Base Address Register (0x33 - 0x30)
0x33
0x32
0x31
0x30
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Bits
Function
R W I
31:22
The ROM_BASE_ADDR bits contain the base address of the Expansion
ROM. The bits correspond to the upper bits of the Expansion ROM base
address. This decode permits the PCI boot manager to place the expansion
ROM on a 4MByte boundary. RIVA 128 currently maps a 64KByte BIOS into
the bottom of this 4MByte range. Typically the first 32K of this ROM contains
the VGA BIOS code as well as the PCI BIOS Expansion ROM Header and
Data Structure.
R W X
21:11
ROM_BASE_RESERVED contain the lower bits of the base address of the
Expansion ROM. These bits are hardwired to 0, forcing a 4MByte boundary.
R - 0
10:1
Reserved
R - 0
0
The ROM_DECODE bit indicates whether or not the RIVA 128 accepts
accesses to its expansion ROM. When the bit is set, address decoding is
enabled using the parameters in the other part of the base register. The
MEMORY_SPACE bit (PCI Configuration Register 0x04, page 64) has prece-
dence over the ROM_DECODE bit. RIVA 128 will respond to accesses to its
expansion
ROM
only
if
both
the
MEMORY_SPACE
bit
and
the
ROM_DECODE bit are set to 1.
0=Expansion ROM address space is disabled
1=Expansion ROM address decoding is enabled
R W 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com