Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128 Datasheet(PDF) 52 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 48Page - STMicroelectronics RIVA128 Datasheet HTML 49Page - STMicroelectronics RIVA128 Datasheet HTML 50Page - STMicroelectronics RIVA128 Datasheet HTML 51Page - STMicroelectronics RIVA128 Datasheet HTML 52Page - STMicroelectronics RIVA128 Datasheet HTML 53Page - STMicroelectronics RIVA128 Datasheet HTML 54Page - STMicroelectronics RIVA128 Datasheet HTML 55Page - STMicroelectronics RIVA128 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
52/77
mode pixel format, the least significant bits of each color are located separately in the top byte of the pixel.
This also permits an 8:8:8 mode without gamma with <1% error if desired.
NOTE
This 32-bit representation can be extended to 64-bit and 128-bit widths by duplicating the 32-bit word in little-endian format.
Limitations on line lengths
Table 15.
Permitted line length multiples
11.3 HARDWARE CURSOR
The RIVA 128 supports a 32x32 15bpp full color
hardware cursor as defined by Microsoft Win-
dows.
• Full color 5:5:5 format
• Pixel complement
• Transparency
• Pixel inversion
The cursor pattern is stored in a 2KByte bitmap lo-
cated in off-screen framestore. Details of program-
ming the hardware cursor are given in the RIVA
128
Programming Reference Manual [2]. Regis-
ters control cursor enabling/disabling, location of
cursor bitmap and cursor display coordinates. The
cursor data and it's position should only be
changed during frame flyback. The cursor should
be disabled when not being used.
Cursor format
The 5-bit RGB color components are expanded to
10 bits per color before combining with the graph-
ics display data. The expanded 10-bit color is com-
posed of the 5-bit cursor color replicated in the up-
per and lower 5-bit fields. The cursor pixels are
combined such that the cursor will overlay a video
window if present.
Cursor pixel bit 15 (A) is the replace mode bit.
When A=1, the cursor pixel replaces the normal
display pixel. If A=0, the expanded 30 bits of the
cursor color are XORed with the display pixel to
provide the complement of the background color.
Cursor pixels can be made transparent (normal
display pixel is unmodified) by setting to a value of
0x0000. To invert the bits of the normal display
pixel, the cursor pixel should be set to 0x7FFF.
Use of pixel input pins (FBD[31:0])
Pixel 0
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
0
X
X
X
X
X
X
X
Red gamma
Green gamma
Blue gamma
1X R1 R0 G1 G0 B1 B0 R9 R8 R7 R6 R5 R4 R3 R2 G9 G8 G7 G6 G5 G4 G3 G2 B9 B8 B7 B6 B5 B4 B3 B2
bpp
8
16
32
Number of pixels that the line
length must be a multiple of
42
1
15 14 13 12 11 10 98
76
54
321
0
A
Red
Green
Blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com