Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128 Datasheet(PDF) 32 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 28Page - STMicroelectronics RIVA128 Datasheet HTML 29Page - STMicroelectronics RIVA128 Datasheet HTML 30Page - STMicroelectronics RIVA128 Datasheet HTML 31Page - STMicroelectronics RIVA128 Datasheet HTML 32Page - STMicroelectronics RIVA128 Datasheet HTML 33Page - STMicroelectronics RIVA128 Datasheet HTML 34Page - STMicroelectronics RIVA128 Datasheet HTML 35Page - STMicroelectronics RIVA128 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
32/77
Figure 26.
SGRAM random read accesses within a page, read latency of two1
NOTE
1
Covers either successive reads to the active row in a given bank, or to the active rows in different banks. DQMs are all
active (LOW).
Figure 27.
SGRAM random read accesses within a page, read latency of three1
NOTE
1
Covers either successive reads to the active row in a given bank, or to the active rows in different banks. FBDQM is all
active (LOW).
tCL
CLK low time
3.5
4.5
-
-
ns
tAS
Address setup time
3
4
-
ns
tAH
Address hold time
1
1
-
ns
tDS
Write data setup time
3
4
-
ns
tDH
Write data hold time
1
1
-
ns
tOH
Read data hold time
3
3
-
ns
tAC
Read data access time
9
9
-
ns
tLZ
Data out low impedance time
0
0
-
ns
Symbol
Parameter
Min.
Max.
Unit
Notes
-10
-12
-10
-12
read
read
read
data n
data a
read
nop
nop
bank, col n bank, col a bank, col x bank, col m
data x
data m
FBCLKx
Command
FBA[9:0]
FBD[63:0]
read
read
read
data n
read
nop
nop
bank, col n bank, col a bank, col x bank, col m
data a
data x
data m
nop
FBCLKx
Command
FBA[9:0]
FBD[63:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com