Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128 Datasheet(PDF) 39 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 35Page - STMicroelectronics RIVA128 Datasheet HTML 36Page - STMicroelectronics RIVA128 Datasheet HTML 37Page - STMicroelectronics RIVA128 Datasheet HTML 38Page - STMicroelectronics RIVA128 Datasheet HTML 39Page - STMicroelectronics RIVA128 Datasheet HTML 40Page - STMicroelectronics RIVA128 Datasheet HTML 41Page - STMicroelectronics RIVA128 Datasheet HTML 42Page - STMicroelectronics RIVA128 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
39/77
8
VIDEO PORT
The RIVA 128 Multimedia Accelerator introduces
a multi-function Video Port that has been designed
to exploit the bus mastering functionality of the
RIVA 128. The Video Port is compliant with a sim-
plified ITU-R-656 video format with control of at-
tached video devices performed through the RIVA
128 serial interface. Video Port support includes:
• Windows 95 DirectMPEG API acceleration by
providing:
- Bus mastered compressed data transfer to
attached DVD and MPEG-2 decoders
-
Local interrupt and pixel stream handling
-
Hardware
buffer
management
of
com-
pressed data, decompressed video pixel
data and decompressed audio streams
• Supports popular video decoders including the
Philips SAA7111A, SAA7112, ITT 3225, and
Samsung KS0127. The Video Port initiates
transfers of video packets over the internal NV
bus to either on or off screen surfaces as de-
fined in the DirectDraw and DirectVideo APIs.
• Supports filtered down-scaling or decimation
• Allows additional devices to be added
Figure 37.
Connections to multiple video modules
8.1
VIDEO INTERFACE PORT FEATURES
• Single 8-bit bus multiplexing among four trans-
fer types: video, VBI, host and compressed
data
• Synchronous 40MHz address/data multiplexed
bus
• Hardware-based round-robin scheduler with
predictable performance for all transfer types
• Supports multiple video modules and one rib-
bon cable board on the same bus
• ITU-R-656 Master Mode
• Video Port
-
Simplified ITU-R-656 Video Format -- sup-
ports HSYNC, VSYNC, ODD FIELD and
EVEN FIELD
-
VBI data output from video decoder is cap-
tured as raw or sliced data
PCI/AGP
MPCLK
MPAD[7:0]
MPFRAME#
MPDTACK#
MPSTOP#
RIVA 128
Video
decoder
Media Port
Controller
(MPC)
S Video
VMI 1.4
ITU-R-656
DVD
Controller
TV tuner
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com