Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128 Datasheet(PDF) 49 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 45Page - STMicroelectronics RIVA128 Datasheet HTML 46Page - STMicroelectronics RIVA128 Datasheet HTML 47Page - STMicroelectronics RIVA128 Datasheet HTML 48Page - STMicroelectronics RIVA128 Datasheet HTML 49Page - STMicroelectronics RIVA128 Datasheet HTML 50Page - STMicroelectronics RIVA128 Datasheet HTML 51Page - STMicroelectronics RIVA128 Datasheet HTML 52Page - STMicroelectronics RIVA128 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
49/77
10
POWER-ON RESET CONFIGURATION
The RIVA 128 latches its configuration on the trail-
ing edge of RST# and holds its system bus inter-
face in a high impedance state until this time. To
accomplish this, pull-up or pull-down resistors are
connected to the FBA[9:0] pins as appropriate.
Since there are no internal pull-up or pull-down re-
sistors and the data bus should be floating during
reset, a resistor value of 47K
Ω should be suffi-
cient.
Power-on reset FBA[9:0] bit assignments
[9]
PCI Mode. This bit indicates whether the RIVA 128 initializes with PCI 2.1 compliance
0 = RIVA 128 is PCI 2.0 compliant (does not support delayed transactions)
1 = RIVA 128 is PCI 2.1 compliant (supports 16 clock target latency requirement).
[8:7]
TV Mode. These bits select the timing format when TV mode is enabled.
00 = Reserved
01 = NTSC
10 = PAL
11 = TV mode disabled
[6]
Crystal Frequency. This bit should match the frequency of the crystal or reference clock connect-
ed to XTALOUT and XTALIN.
0 = 13.500MHz (used where TV output may be enabled)
1 = 14.31818MHz
[5]
Host Interface
0 = PCI
1 = AGP (Bit 0 must also be pulled high to indicate 66MHz)
[4]
RAM Width
0 = 64-bit framebuffer data bus width (the upper 64-bit data bus and byte selects are tri-state)
1 = 128-bit framebuffer data bus width
[3:2]
RAM Type
00 = Reserved
01 = 8Mbit SDRAM or SGRAM organized as 128K x 2 banks x 32-bit (normal SGRAM mode).
10 = Reserved
11 = 8Mbit SDRAM or SGRAM organized as 128K x 2 banks x 32-bit, framebuffer I/O pins remain
tri-stated after reset.
[1]
Sub-Vendor. This bit indicates whether the PCI Subsystem Vendor field is located in the system
motherboard BIOS or adapter card VGA BIOS. If the Subsystem Vendor field is located in the sys-
tem BIOS it must be written by the system BIOS to the PCI configuration space prior to running
any PnP code.
0 = System BIOS (Subsystem Vendor ID and Subsystem ID set to 0x0000)
1 = Adapter card VGA BIOS (Subsystem Vendor ID and Subsystem ID read from ROM BIOS at
location 0x54 - 0x57)
[0]
Bus Speed. This bit indicates the value returned in the 66MHZ bit in the PCI Configuration regis-
ters (see page 64).
0 = RIVA 128 PCI interface is 33MHz
1 = RIVA 128 is 66MHz capable
98
76
543
21
0
PCI
Mode
TV Mode
Crystal
Host
Interface
RAM
Width
RAM Type
Sub-
Vendor
Bus
Speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com