Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128 Datasheet(PDF) 22 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 18Page - STMicroelectronics RIVA128 Datasheet HTML 19Page - STMicroelectronics RIVA128 Datasheet HTML 20Page - STMicroelectronics RIVA128 Datasheet HTML 21Page - STMicroelectronics RIVA128 Datasheet HTML 22Page - STMicroelectronics RIVA128 Datasheet HTML 23Page - STMicroelectronics RIVA128 Datasheet HTML 24Page - STMicroelectronics RIVA128 Datasheet HTML 25Page - STMicroelectronics RIVA128 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
22/77
5.2
PCI TIMING SPECIFICATION
The timing specification of the PCI interface takes the form of generic setup, hold and delay times of tran-
sitions to and from the rising edge of PCICLK as shown in Figure 11.
Figure 11.
PCI timing parameters
Table 4.
PCI timing parameters
NOTE
1
PCIREQ# and PCIGNT# are point to point signals and have different valid delay and input setup times than bussed sig-
nals. All other signals are bussed.
Symbol
Parameter
Min.
Max.
Unit
Notes
tVAL
PCICLK to signal valid delay (bussed signals)
2
11
ns
1
tVAL(PTP)
PCICLK to signal valid delay (point to point)
2
12
ns
1
tON
Float to active delay
2
ns
tOFF
Active to float delay
28
ns
tSU
Input set up time to PCICLK (bussed signals)
7
ns
1
tSU(PTP)
Input set up time to PCICLK (PCIGNT#)10
ns
1
tSU(PTP)
Input set up time to PCICLK (PCIREQ#)12
ns
tH
Input hold time from PCICLK
0ns
tVAL
tON
tOFF
tSU
tH
PCICLK
Output delay
Tri-state output
Input
PCICLK
Output timing parameters
Input timing parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com