Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128 Datasheet(PDF) 30 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 26Page - STMicroelectronics RIVA128 Datasheet HTML 27Page - STMicroelectronics RIVA128 Datasheet HTML 28Page - STMicroelectronics RIVA128 Datasheet HTML 29Page - STMicroelectronics RIVA128 Datasheet HTML 30Page - STMicroelectronics RIVA128 Datasheet HTML 31Page - STMicroelectronics RIVA128 Datasheet HTML 32Page - STMicroelectronics RIVA128 Datasheet HTML 33Page - STMicroelectronics RIVA128 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
30/77
Table 5.
Truth table of supported SGRAM commands
NOTES
1
FBCKE is high and DSF is low for all supported commands.
2
Activates or deactivates FBD[127:0] during writes (zero clock delay) and reads (two-clock delay).
6.1
SGRAM INITIALIZATION
SGRAMs must be powered-up and initialized in a predefined manner. The first SGRAM command is reg-
istered on the first clock edge following PCIRST# inactive.
All internal SGRAM banks are precharged to bring the device(s) into the “all bank idle” state. The SGRAM
mode registers are then programmed and loaded to bring them into a defined state before performing any
operational command.
6.2
SGRAM MODE REGISTER
The Mode register defines the mode of operation of the SGRAM. This includes burst length, burst type,
read latency and SGRAM operating mode. The Mode register is programmed via the Load Mode register
and retains its state until reprogrammed or power-down.
Mode register bits M[2:0] specify the burst length; for the RIVA 128 SGRAM interface these bits are set to
zero, selecting a burst length of one. In this case FBA[7:0] select the unique column to be accessed and
Mode register bit M[3] is ignored. Mode register bits M[6:4] specify the read latency; for the RIVA 128
SGRAM interface these bits are set to either 2 or 3, selecting a burst length of 2 or 3 respectively.
Command1
FBCSx
FBRAS# FBCAS# FBWE#
FBDQM
FBA[9:0]
FBD[63:0] Notes
Command inhibit (NOP)
H
xxxx
x
x
No operation (NOP)
L
H
H
H
x
x
x
Active (select bank and
activate row)
LL
H
H
x
FBA[9]=bank
FBA[8:0]=row
x
Read (select bank and
column and start read
burst)
LH
LH
x
FBA[9]=bank
FBA[8]=0
FBA[7:0]=row
x
Write (select bank and
column and start write
burst)
LH
L
L
x
FBA[9]=bank
FBA[8]=0
FBA[7:0]=row
valid data
Precharge (deactivate
row in both banks)
LL
H
L
x
FBA[8]=1
x
Load mode register
L
LLL
x
FBA[8:0] =
opcode
Write enable/output
enable
----
L
-
active
2
Write inhibit/output
High-Z
----
H
-
high-Z
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com