Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128 Datasheet(PDF) 54 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 50Page - STMicroelectronics RIVA128 Datasheet HTML 51Page - STMicroelectronics RIVA128 Datasheet HTML 52Page - STMicroelectronics RIVA128 Datasheet HTML 53Page - STMicroelectronics RIVA128 Datasheet HTML 54Page - STMicroelectronics RIVA128 Datasheet HTML 55Page - STMicroelectronics RIVA128 Datasheet HTML 56Page - STMicroelectronics RIVA128 Datasheet HTML 57Page - STMicroelectronics RIVA128 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
54/77
11.5 ANALOG INTERFACE
Figure 58.
Recommended circuit (crystal circuit is for designs not supporting TV out)
Table 16.
Table of parts for recommended circuit (Figure 58)
Part number
Value
Description
C1
22
µF
tantalum capacitor
C2
100nF
surface mount capacitor
C3, C4
22pF
surface mount capacitor
C5, C6
10nF
surface mount capacitor
R1
147
Ω
1% resistor
R2-R4
75
Ω
1% resistor
D1-D6
1N4148
protection diodes
L1
1
µH
inductor
X1
13.50000MHz
series resonant crystal (used where TV output may be
required)
14.31818MHz
series resonant crystal
C2
Monitor
RSET
PLLVDD
VDD
GND
VDD
Local PLLVDD plane
∗
∗
L1
75
Ω
∗ These components should be placed as close to the RIVA 128 outputs as possible
75
Ω
cable
D1-D3
Power supply
C1
C5
R1
R2-R4
D4-D6
∗
XTALIN
C3
C4
X1
∗
COMP
RED,
GREEN,
BLUE
XTALOUT
RIVA 128
VREF
C6
DACVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com