Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128 Datasheet(PDF) 18 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 14Page - STMicroelectronics RIVA128 Datasheet HTML 15Page - STMicroelectronics RIVA128 Datasheet HTML 16Page - STMicroelectronics RIVA128 Datasheet HTML 17Page - STMicroelectronics RIVA128 Datasheet HTML 18Page - STMicroelectronics RIVA128 Datasheet HTML 19Page - STMicroelectronics RIVA128 Datasheet HTML 20Page - STMicroelectronics RIVA128 Datasheet HTML 21Page - STMicroelectronics RIVA128 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
18/77
Figure 5.
Basic AGP pipeline concept
Pipeline operation
Memory access pipelining provides the main per-
formance enhancement of AGP over PCI. AGP
pipelined bus transactions share most of the PCI
signal set, and are interleaved with PCI transac-
tions on the bus.
The RIVA 128 supports AGP pipelined reads with
a 4-deep queue of outstanding read requests.
Pipelined reads are primarily used by the RIVA
128 for cache filling, the cache size being opti-
mized for AGP bursts. Depending on the AGP
bridge, a bandwidth of up to 248MByte/s is achiev-
able for 128-byte pipelined reads. This compares
with around 100MByte/s for 128-byte 33MHz PCI
reads. Another feature of AGP is that for smaller
sized reads the bandwidth is not significantly re-
duced. Whereas 16-byte reads on PCI transfer at
around 33MByte/s, on AGP around 175MByte/s is
achievable. The RIVA 128 actually requests reads
greater than 64 bytes in multiples of 32-byte trans-
actions.
The pipe depth can be maintained by the AGP bus
master (RIVA 128) intervening in a pipelined trans-
fer to insert new requests between data replies.
This bus sequencing is illustrated in Figure 5.
When the bus is in an idle condition, the pipe can
be started by inserting one or more AGP access
requests consecutively. Once the data reply to
those accesses starts, that stream can be broken
(or intervened) by the bus master (RIVA 128) in-
serting one or more additional AGP access re-
quests or inserting a PCI transaction. This inter-
vention is accomplished with the bus ownership
signals, PCIREQ# and PCIGNT#.
The RIVA 128 implements both high and low prior-
ity reads depending of the status of the rendering
engine. If the pipeline is likely to stall due to sys-
tem memory read latency, a high priority read re-
quest is posted.
Address Transactions
The RIVA 128 requests permission from the
bridge to use PCIAD[31:0] to initiate either an
AGP request or a PCI transaction by asserting
PCIREQ#. The arbiter grants permission by as-
serting PCIGNT# with AGPST[2:0] equal to ‘111’
(referred to as START). When the RIVA 128 re-
ceives START it must start the bus operation with-
in two clocks of the bus becoming available. For
example, when the bus is in an idle condition when
START is received, the RIVA 128 must initiate the
bus transaction on the next clock and the one fol-
lowing.
Figure 6 shows a single address being enqueued
by the RIVA 128. Sometime before clock 1, the
RIVA 128 asserts PCIREQ# to gain permission to
use PCIAD[31:0]. The arbiter grants permission
by indicating START on clock 2. A new request
(address, command and length) are enqueued on
each clock in which AGPPIPE# is asserted. The
address of the request to be enqueued is present-
ed on PCIAD[31:3], the length on PCIAD[2:0] and
the command on PCICBE[3:0]#. In Figure 6 only
a single address is enqueued since AGPPIPE# is
just asserted for a single clock. The RIVA 128 in-
dicates that the current address is the last it in-
tends to enqueue when AGPPIPE# is asserted
and PCIREQ# is deasserted (occurring on clock
3). Once the arbiter detects the assertion of AGP-
PIPE# or PCIFRAME# it deasserts PCIGNT# on
clock 4.
Bus Idle
Pipelined
data
transfer
Intervene
cycles
Pipelined AGP requests
A1
A2
Data-1
Data-2
A3
PCI transaction
A
Data
Data-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com