Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128 Datasheet(PDF) 38 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 34Page - STMicroelectronics RIVA128 Datasheet HTML 35Page - STMicroelectronics RIVA128 Datasheet HTML 36Page - STMicroelectronics RIVA128 Datasheet HTML 37Page - STMicroelectronics RIVA128 Datasheet HTML 38Page - STMicroelectronics RIVA128 Datasheet HTML 39Page - STMicroelectronics RIVA128 Datasheet HTML 40Page - STMicroelectronics RIVA128 Datasheet HTML 41Page - STMicroelectronics RIVA128 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
38/77
Figure 36.
Displaying 2 fields with 1:1 ratio
The
RIVA 128 video overlay handles interlaced vid-
eo by displaying every field, at the original frame
rate of the video (50Hz for PAL and 60Hz for
NTSC). The video scaling logic upscales
, in the ver-
tical direction
, the luma components in each field
and linearly interpolates successive lines to pro-
duce the missing lines of each field. This interpolat-
ed scale is applied such that the full frame size of
each field
is stretched to the desired height.
The video scaler offsets the bottom field image by
half a source image line to ensure that both frames
when played back align vertically.
The vertical filtering results in a smooth high quality
video playback. Also by displaying both fields one af-
ter another, any motion artifacts often found in dein-
terlaced video output are removed, because the pix-
els in each field are
displayed in the order in which the
original source was captured.
Line 10
Interpolated line
(Line 10 & 12)
Line 12
Line 11
Line 13
Interpolated line
(Line 11 & 13)
Frame 1 (Top field)
Frame 2 (Bottom field)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com