Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128 Datasheet(PDF) 28 Page - STMicroelectronics

Part # RIVA128
Description  RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button RIVA128 Datasheet HTML 24Page - STMicroelectronics RIVA128 Datasheet HTML 25Page - STMicroelectronics RIVA128 Datasheet HTML 26Page - STMicroelectronics RIVA128 Datasheet HTML 27Page - STMicroelectronics RIVA128 Datasheet HTML 28Page - STMicroelectronics RIVA128 Datasheet HTML 29Page - STMicroelectronics RIVA128 Datasheet HTML 30Page - STMicroelectronics RIVA128 Datasheet HTML 31Page - STMicroelectronics RIVA128 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 77 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA 128
28/77
6
SGRAM FRAMEBUFFER INTERFACE
The RIVA 128 SGRAM interface can be configured with a 2MByte 64-bit or 4MByte 128-bit data bus. With
a 128-bit bus, 4MBytes of SGRAM is supported as shown in Figure 22. All of the SGRAM signalling envi-
ronment is 3.3V.
Figure 22.
64-bit 2MByte and 128-bit 4MByte SGRAM configurations
Read and write accesses to SGRAM are burst oriented. SGRAM commands supported by the RIVA 128
are shown in Table 5. Initialization of the memory devices is performed in the standard SGRAM manner
as described in Section 6.1. Access sequences begin with an Active command followed by a Read or Write
command. The address bits registered coincident with the Read or Write command are used to select the
starting column location for the burst access. The RIVA 128 always uses a burst length of one and can
launch a new read or write on every cycle.
SGRAM has a fully synchronous interface with all signals registered on the positive edge of FBCLKx. Mul-
tiple clock outputs allow reductions in signal loading and more accuracy in data sampling at high frequen-
cy. The clock signals can be interspersed as shown in Figure 23, page 29 for optimal loading with either
2 or 4MBytes. The I/O timings relative to FBCLKx are shown in Figure 25, page 31.
RIVA 128
256K
x32
256K
x32
FBD[31:0]
FBD[63:32]
256K
x32
FBD[95:64]
256K
x32
FBD[127:96]
Expansion to
4MBytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com