Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R Datasheet(PDF) 65 Page - Omron Electronics LLC

Part # E39-R
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R Datasheet(HTML) 65 Page - Omron Electronics LLC

Back Button E39-R Datasheet HTML 61Page - Omron Electronics LLC E39-R Datasheet HTML 62Page - Omron Electronics LLC E39-R Datasheet HTML 63Page - Omron Electronics LLC E39-R Datasheet HTML 64Page - Omron Electronics LLC E39-R Datasheet HTML 65Page - Omron Electronics LLC E39-R Datasheet HTML 66Page - Omron Electronics LLC E39-R Datasheet HTML 67Page - Omron Electronics LLC E39-R Datasheet HTML 68Page - Omron Electronics LLC E39-R Datasheet HTML 69Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 100 page
background image
Fiber Amplifiers, Communications Unit and Accessories
E3NX-FA Series Products
Fiber Amplifiers, Communications Unit and Accessories
E3NX-FA Series Products
64
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
65
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
64
65
Fiber Amplifier Units E3NX-FA Series
Sensor Communications Unit
Accessories (sold separately)
Wire-saving connectors (Required for models for Wire-saving Connectors.)
Connectors are not provided with the Fiber Amplifier Unit and must be ordered separately. * Protective stickers: provided.
Mounting Bracket
End Plate
DIN Track
Sensor Communications Unit
Appearance
Type
Connecting method
Inputs/
outputs
1 output
1 output
2 outputs
―
2 outputs
+
1 input
1 output
+
1 input
Ratings and
Specifications Dimensions
Models
E3NX-FA11 2M
Wire-saving Connector
Wire-saving Connector
E3NX-FA41 2M
Pre-wired (2 m)
Pre-wired (2 m)
Standard
models
Advanced
models
Model for
Sensor
Communications
Unit
Page 66
NPN output
PNP output
Appearance
Model
Quantity Dimensions
E39-L143
1
Page 89
Appearance
Communication
method
Ratings and
Specifications
Model
Applicable Fiber
Amplifier Model
Dimensions
E3NW-ECT
EtherCAT
Page 76
Page 77
Appearance
Type
Models
Cable length Number of
conductors
Ratings, Specifications
and Dimensions
Applicable Fiber
Amplifier Units
E3X-CN11
E3X-CN12
2 m
3
E3X-CN22
2
E3X-CN21
E3NX-FA7
E3NX-FA7TW
E3NX-FA9
E3NX-FA9TW
E3NX-FA6
E3NX-FA8
4
1
Page 88
A Mounting Bracket is not provided with the Fiber Amplifier Unit and must be ordered separately as required.
A Din Track is not provided with the Fiber Amplifier Unit and must be ordered separately as required.
Appearance
Model
Quantity Dimensions
PFP-M
1
Page 89
Two End Plates are provided with the Sensor Communications Unit.
End Plates are not provided with the Fiber Amplifier Unit and must be
ordered separately as required.
Appearance
Models
Type
Quantity Dimensions
PFP-100N
PFP-50N
PFP-100N2
Deep type,
total length: 1 m
Shallow type,
total length: 1 m
Shallow type,
total length: 0.5 m
1
Page 89
Page 68
68-A
E3NX-FA6
E3NX-FA8
Page 68
68-B
E3NX-FA21 2M
E3NX-FA51 2M
Page 68
68-A
E3NX-FA7TW
E3NX-FA9TW
E3NX-FA7
E3NX-FA9
Page 68
68-B
E3NX-FA0
Page 69
69-B
77-A
E3NW-CRT
CompoNet
E3NX-FA0
*
E3NW-CCL
CC-Link
88-A
Page 88
88-B
Page 88
88-A
Page 88
88-B
89-A
89-D
Cover
Appearance
Model
Quantity
E39-G25 FOR E3NX-FA
1
Attach these Covers to Amplifier Units.
Order a Cover when required, e.g., if you lose the covers.
89-B
Page 89
89-C
E3NX-FA Fiber Amplifier Units and Related Products
Master Connector
Master Connector
Slave Connector
Slave Connector
Distributed Sensor Unit
Appearance
Ratings and
Specifications Dimensions
Page 76
Page 77
77-B
Applicable Fiber
Amplifier Model
E3NX-FA0
E3NW-DS
Model
2 outputs
1 output
+
1 input
M8 Connector
Connector for Sensor
Communications Unit
�
E3NX-FA54TW
E3NX-FA24
E3NX-FA54
Page 69
69-A
�
*
* For details, refer to your OMRON website.
* A Sensor Communications Unit is required if you want to use the Fiber Amplifier Unit on a network.
Note. The Distributed Sensor Unit can be connected to any of the Sensor Communications Units.
Sensor I/O Connectors (Required for models with M8 Connectors.)
Connectors are not provided with the Fiber Amplifier Unit and must be ordered separately. * Protective stickers: provided.
Appearance
Models
Cable length
Number of
conductors
Dimensions
Ratings and
Specifications
XS3F-M421-402-A
XS3F-M421-405-A
XS3F-M422-402-A
XS3F-M422-405-A
Straight
L-shaped
2 m
5 m
2 m
5 m
4
Page 88
Page 88
88-C
Page 88
88-D
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com