Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E39-R
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E39-R Datasheet HTML 4Page - Omron Electronics LLC E39-R Datasheet HTML 5Page - Omron Electronics LLC E39-R Datasheet HTML 6Page - Omron Electronics LLC E39-R Datasheet HTML 7Page - Omron Electronics LLC E39-R Datasheet HTML 8Page - Omron Electronics LLC E39-R Datasheet HTML 9Page - Omron Electronics LLC E39-R Datasheet HTML 10Page - Omron Electronics LLC E39-R Datasheet HTML 11Page - Omron Electronics LLC E39-R Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
Standard Installation
Threaded Models
Standard Installation
08
08
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
09
09
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Threaded Models
Through-beam → 06 Page
Reflective → This Page
E39-F9: Provided
25
12
20
2.5
Heat-shrinkable
tube
Two, 1 dia.
0.5 dia.
emitter fiber
Four, 0.25 dia.
receiver fibers
M3×0.5 (SUS303)
2,000
Opposite side 5.5, thickness 1.8 (Nickel-plated brass)
Washer (Nickel-plated brass)
6.5 dia.
13.5
20.5
7
5
Two, 1 dia.
0.5 dia. emitter fiber
Four, 0.25 dia.
receiver fibers
M3×0.5 (Nickel-plated brass)
E39-F9:
Provided
Model display tube
2,000
(45)
11
2,000
E39-F9: Provided
Opposite side 5.5, thickness 1.8 (Nickel-plated brass)
Washer (Nickel-plated brass)
Two, 1 dia.
M3×0.5 (SUS304)
Sensing surface
Two, 0.5 dia.
2.5
(45)
Model display tube
Sensing head M3×0.5 (SUS303)
Opposite side 5.5, thickness 1.8 (Nickel-plated brass)
Washer (Nickel-plated brass)
1,000
11
2.5
0.5 dia.
emitter fiber
Nine, 0.25 dia.
receiver fibers
1 dia. emission fibers
1.25 dia. reception fibers
24
Note: There is a white line on the emitter fiber.
Note: There is a white line on the emitter fiber.
Note:
There is a white line on the emitter fiber.
* The Fiber Attachments that are provided were specially
designed for this Fiber Unit.
E39-F9 cannot be attached.
Note:
There is a white line on the emitter fiber.
M3 nuts (Nickel-plated brass)
Washers (Nickel-plated brass) provided (2 of each)
Fiber attachment *
1 dia.
emitter fiber
2.5 dia.
Two, 2.2 dia.
Sixteen, 0.265 dia. receiver fibers
23
3
5.2
2,000
M6×0.75 (Nickel-plated brass)
Opposite side 10, thickness 2.4 (Nickel-plated brass)
Washer (Nickel-plated iron)
Note: There is a white line on the emitter fiber.
E32-CC200 2M
(Free Cutting)
09-H
4 dia.
3
17
2,000
Opposite side 10, thickness 2.4 (Nickel-plated brass)
Washer (Nickel-plated iron)
Two, 2.2 dia.
Sensing surface
Two, 1 dia.
M6×0.75 (ZDC)
4.8
E32-D11R 2M
(Free Cutting)
09-G
Sensing surface
Two, 0.5 dia.
Opposite side 7, thickness 2.4 (Nickel-plated brass)
Washer (Nickel-plated iron)
Two, 1 dia.
3
15
2,000
E39-F9: Provided
M4×0.7 (SUS303)
3.2
E32-D211R 2M
(Free Cutting)
09-F
E32-C31M 1M
(Free Cutting)
09-E
E32-C31N 2M
(Free Cutting)
09-A
E32-D21R 2M
(Free Cutting)
E32-C91N 2M
(Free Cutting)
09-C
09-B
E32-C31 2M
(Free Cutting)
09-D
M6×0.75 (Trivalent chrome-plated zinc alloy)
Two, 2.2 dia.
Opposite side 10, thickness 2.4 (Nickel-plated brass)
Washer (Nickel-plated iron)
5
Sensing surface
Two, 1.5 dia.
E32-LD11 2M
(Free Cutting)
E32-LD11R 2M
(Free Cutting)
09-I
2,000
23
15
18 3
6
2.5 dia.
(45)
2,000 (standard length)
Hexagonal nut, Opposite side:10, Thickness: 2.4 (Nickel-plated brass)
Toothed washer (nickel-plated iron)
Sensing head, M6 × 0.75 (Nickel-plated brass)
(5.6)
9.75
9.75
9.75
1 dia. emitter fiber
(PMMA)
Sixteen 0.265-dia. receiver fibers
Model display
tube
Optical fibers: Two, 2.2 dia.
11
M3
24
M6
20.5
M3
11
M3
25
M3
15
M4
17
M6
23
M6
E32-C31N 2M
Size
Sensing
direction
(Aperture
angle)
M3
M3
M4
M6
M6
M6
Right-
angle
(Approx. 60°)
Top-view
(Approx. 60°)
Top-view
(Approx. 15°)
Flexible,
R4
Flexible,
R1
R25
R10
Flexible,
R1
R25
R25
Flexible,
R1
(5 μm dia./
2 μm dia.)
(1 dia./
0.03 dia.)
E32-D21R 2M
75
14
09-A
09-C
E32-C31 2M
09-D
E32-C31M 1M
09-E
E32-D211R 2M
09-F
E32-C91N 2M
09-B
E32-D11R 2M
09-G
E32-CC200 2M
E32-LD11 2M
E32-LD11R 2M
09-H
09-I
Appearance (mm)
Bending
radius
of cable
Sensing distance (mm)
Other modes
Optical axis
diameter
(minimum
sensing
object)
Models
09 Page
Dimensions
No.
ST :
SHS:
90
16
ST :
SHS:
220
44
ST :
SHS:
90
16
ST :
SHS:
520
100
ST :
SHS:
520
100
ST :
SHS:
900
180
ST :
SHS:
110
46
160
69
1,400
400
2,100
600
840
240
1,260
360
780
220
1,170
340
140
40
210
60
330
100
490
150
140
40
210
60
50
14
Other modes
ST :
SHS:
60
16
ST :
SHS:
150
44
ST :
SHS:
60
16
ST :
SHS:
350
100
ST :
SHS:
350
100
ST :
SHS:
540
110
ST :
SHS:
860
250
1,290
370
360
110
ST :
SHS:
520
100
ST :
SHS:
840
240
1,260
360
350
100
ST :
SHS:
600
180
ST :
SHS:
IP67
IP67
IP67
IP67
IP67
IP67
IP67
IP67
IP50
23
M6
E3X-HD
E3NX-FA
Coaxial
Coaxial
Coaxial
Coaxial
Coaxial
HS
GIGA
HS
GIGA
Top-view Type
Right-angle Type
Specifications
Dimensions
- Reference Information for Model Selection -
Reflective Fiber Units
Installation Information → 58, 59 Page
Reflective Fiber Units
Features of Coaxial Reflective Type
These Fiber Units offer better detection of small objects at close distances
(of 2 mm or less) than Standard Reflective Fiber Units.
They also detect glossy surfaces more reliably than Standard Reflective Fiber Units,
even if the surface is tilted.
The receiver fibers are arranged around
the emitter fiber as shown below.
Features of the Right-angle Type
• Cable is less prone to snagging.
• Cable runs along the mounting surface for
less space compared with Top-view Fiber Units.
• The nut is attached to the Fiber Unit to reduce
installation work.
Emitter Fiber
Receiver Fibers
And
Breaking Due to Snagging or Shock
The Fiber Unit can be protected from breaking
with stainless steel spiral tube.
→
42 Page
Cladding
Cores
What Is “Flexible” Fiber?
The flexible fiber has a small bending radius for easy routing without easily breaking.
It is easy to use because the cable can be bent without significantly reducing light intensity.
Structure which has a
cladding around a large
number of ultrafine cores.
•
Standard configuration. These Fiber Units are mounted into a hole drilled in
a bracket and secured with nuts.
•
The Right-angle Model prevents snagging on the cable because the cable runs
along the mounting surface.
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
The sensing distances for Reflective Fiber Units are for white paper. (The sensing distance for the E32-LD11 2M / E32-LD11R 2M are for glossy white paper.)
Note
1.
2.
Hex-shaped Fiber Units have been added to the series.
(They have a right-angle shape like that of the E32-C31N shown below.)
→
96 Page
What Are Fiber Units with Build-in Lenses?
These Fiber Units have built-in lenses.
They feature high-power beams.
You don’t have to worry about the lens falling off and getting lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com