Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R Datasheet(PDF) 94 Page - Omron Electronics LLC

Part # E39-R
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R Datasheet(HTML) 94 Page - Omron Electronics LLC

Back Button E39-R Datasheet HTML 90Page - Omron Electronics LLC E39-R Datasheet HTML 91Page - Omron Electronics LLC E39-R Datasheet HTML 92Page - Omron Electronics LLC E39-R Datasheet HTML 93Page - Omron Electronics LLC E39-R Datasheet HTML 94Page - Omron Electronics LLC E39-R Datasheet HTML 95Page - Omron Electronics LLC E39-R Datasheet HTML 96Page - Omron Electronics LLC E39-R Datasheet HTML 97Page - Omron Electronics LLC E39-R Datasheet HTML 98Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 100 page
background image
Safety Precautions
Safety Precautions
94
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
95
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
94
95
Toothed washer
Use a proper-sized wrench
for the nut.
Mounting
panel
Nuts
(Provided.)
Set screw
(flat head or sunken head)
(M3 max.)
Sensing head of Fiber Unit
Tape
Forming one-turn
loop will reduce
vibration
1.2 mm dia. max.
R12.5 mm
R7.5 mm
1.3 mm dia.min.
R10 mm
Fiber tip
position mark
Stainless steel tube
R5 mm
90° max.
10 mm
10 mm
Do not bend here.
Provided slit
Sensing head
Liquid-level detection
position
5.2 ±2 mm
(from the end of the
fluororesin section)
Protective
Spiral Tube
Fiber Unit
Protective
Spiral Tube
Toothed washers
Fiber Unit
Hexagonal nuts
Mounting
panel
Protective
Spiral Tube
Fiber Unit
End cap
Tube
Saddle
Retention clip
Fiber Unit
Splice
Retention clip
Fiber Unit
Fiber Unit
Fiber Unit
Fiber Units
Nylon wireholder
Precautions for Correct Use
Fiber Units
<Threaded Models>
<Chemical and Oil-resistant Models>
<Cylindrical Models>
This product is not designed or rated for
ensuring safety of persons either directly
or indirectly.
Do not use it for such purposes.
Do not use the Fiber Unit in atmospheres or environments that
exceed product ratings.
• Mounting
Tightening Force
Refer to pages 58 to 61 for the tightening torque to apply when
mounting a Fiber Unit.
Accessories
Use of E39-R3 Reflector Provided with E32-R21
1. Use detergent to remove any dust or oil from the surfaces
where tape is applied. Adhesive tape will not be attached
properly if oil or dust remains on the surface.
2. The E39-R3 cannot be used in areas that are exposed to oil
or chemicals.
Mounting method of Disconnection-resistant
Protective Spiral Tubes (E39-F32
@)
1.Insert the Fiber Unit into the
Protective Spiral Tube from the
head connector (threaded).
2. Push the fiber into the Protective
Spiral Tube. The tube must be
straight so that the fiber enters
without twisting. Turn the Protective
Spiral Tube, not the fiber.
3. Secure the Protective Spiral Tube
to the mounting panel with the
provided nuts.
Attaching the E39-F10 Fiber Connector
Attach the Fiber Connecter as shown in the following figures.
1.Insert the Fiber Unit in the retention clip.
2.Insert the retention clip into the splice.
4.Use the provided saddle to secure
the end cap of the Protective Spiral
Tube.
(To secure the Protective Spiral
Tube at a position other than the
end cap, apply tape to the tube so
that the portion becomes thicker in
diameter.)
Chemical and Oil-resistant, Liquid-level Detection Fiber Unit
(E32-D82F1)
Fluororesin shows strong chemical-resistant properties but is
permeable if exposed to atmospheres with gaseous chemicals or
water vapors, resulting in failure or damage.
Confirm applicability sufficiently before using the Fiber Unit in
these environments.
• The Fiber Units should be as close as possible when they are
connected.
The sensing distance is reduced by approximately 25% when
Fiber Units are extended by the connector.
• Only 2.2-mm-diameter fibers can be connected.
Connections
• Do not subject the Fiber Unit to excessive force, such as tension
or compression.
Refer to pages 58 to 61 for tensile strengths.
• Make sure any bend in the Fiber Unit is larger than the allowable
bending radius.
Refer to pages 58 to 61 for bending radius ratings and length of
unbendable sections at the base of the Fiber Unit.
• Do not compress or place heavy loads on the fibers.
Sleeve Bender (E39-F11)
• The bending radius of the stainless steel tube should be as large
as possible. The smaller the bending radius is, the shorter the
sensing distance will be.
• Insert the tip of the stainless
steel tube in the Sleeve Bender
and slowly bend the tube
along the curve of the Sleeve
Bender.
Heat-resistant Fiber Units (E32-D51(R) and E32-T51(R))
The fibers of these Units cannot be extended using the E39-F10
Fiber Connector.
Liquid-level Detection Fiber Unit (E32-D82F1)
• Secure the Fiber Unit using the unbendable section.
Otherwise, the liquid-level detection position may be displaced.
• For applications in hazardous environments, install the Fiber
Unit in the hazardous environment but install the Amplifier Unit
in a safe environment.
Liquid-level Detection Fiber Units (Tube-mounting Models)
• Make sure that the tube is not deformed when using a band to
secure the Fiber Unit.
E32-T14
These Units may enter the light-ON state if there are reflective
objects at the end of the lenses.
If reflection is a problem, attach the black stickers provided to the
ends of the lenses.
Vacuum-resistant Fiber Units (E32- V)
Although the Flanges, the Fiber Units on the vacuum side, and
the Lens Units have been cleaned, as an extra precaution, clean
these with alcohol before using them in high-vacuum
environments to ensure that they are properly degreased.
To use the provided slit, peel off the
backing sheet, align the slit with the
edges of the sensing surface, and
attach it to the sensing head.
Use the slit in applications where
saturation occurs (i.e., changes in
incident level cannot be detected)
due to short sensing distances.
E32-T16PR
• The method shown below is an effective way to prevent the
Fiber Unit from breaking due to vibration.
The following method is recommended for mounting Fiber Units
with fluororesin-covered sensing heads (E32-T�F and E32-D�F) to
prevent from cracking the fluororesin case.
If you use a set screw to secure the Fiber Unit, tighten it with care
to prevent from cracking the case.
1
2
Warning
Detection Position for Liquid-level Detection Fiber Unit
(E32-D82F1)
The liquid-level detection position
is 5.2 ±2 mm from the end of the
fluororesin section. (Refer to the
diagram on the right.)
The liquid-level detection position
varies with the surface tension of
the liquid and the degree of
wetness at the Fiber Unit’s
detection position.
•Adjustment
Liquid-level Detection Fiber Unit (E32-D82F1)
• Operation may become unstable in the following cases:
1. Bubbles stick to the cone of the sensing head.
2. Solute deposits on the cone of the sensing head.
3. The liquid has a high viscosity.
• There are some liquids, such as milky white liquids, for which
detection is not possible.
• Do not let the end of the fluororesin section bump into other
objects.
Damage to or deformation of the sensing head may cause
unstable operation.
•OtherPrecautions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com