Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R Datasheet(PDF) 70 Page - Omron Electronics LLC

Part # E39-R
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R Datasheet(HTML) 70 Page - Omron Electronics LLC

Back Button E39-R Datasheet HTML 66Page - Omron Electronics LLC E39-R Datasheet HTML 67Page - Omron Electronics LLC E39-R Datasheet HTML 68Page - Omron Electronics LLC E39-R Datasheet HTML 69Page - Omron Electronics LLC E39-R Datasheet HTML 70Page - Omron Electronics LLC E39-R Datasheet HTML 71Page - Omron Electronics LLC E39-R Datasheet HTML 72Page - Omron Electronics LLC E39-R Datasheet HTML 73Page - Omron Electronics LLC E39-R Datasheet HTML 74Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
Fiber Amplifiers, Communications Unit and Accessories
E3NX-FA
Fiber Amplifiers, Communications Unit and Accessories
E3NX-FA
70
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
71
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
70
71
I/O Circuit Diagrams
NPN Output
L/D
indicators
Models
Operation
mode
Timing chart
Output circuit
E3NX-FA11
E3NX-FA6
E3NX-FA21
E3NX-FA7
E3NX-FA24
E3NX-FA7TW
Light-ON
Dark-ON
Light-ON
Dark-ON
Light-ON
Dark-ON
Light-ON
Dark-ON
lit.
L
lit.
D
lit.
L
lit.
D
lit.
L
lit.
D
lit.
L
lit.
D
Photoelectric
Sensor
main
circuit
Load
Brown
Control output
Black
Blue
10 to 30
VDC
OUT indicator (orange)
Display
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
(Between brown and
black leads)
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
(Between brown and
black leads)
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
(Between brown and black
(orange) leads)
ch1/
ch2
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
(Between brown and black
(orange) leads)
ch1/
ch2
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
(Between brown and
black leads)
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
(Between brown and
black leads)
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
(Between brown and black
(orange) leads)
ch1/
ch2
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
(Between brown and black
(orange) leads)
ch1/
ch2
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
Photoelectric
Sensor
main
circuit
Load
Load
OUT2 indicator
(orange)
Brown
Black
Control output
ch1
Control output
ch2
External
intput
Orange
Blue
Pink
10 to 30
VDC
OUT1 indicator
(orange)
Display
Photoelectric
Sensor
main
circuit
Load
Brown
Black
Control output
External
intput
Blue
Orange
10 to 30
VDC
OUT indicator (orange)
Display
Photoelectric
Sensor
main
circuit
Load
Load
OUT2 indicator
(orange)
Brown
Black
Control output
ch1
Control output
ch2
Orange
Blue
10 to 30
VDC
OUT1 indicator
(orange)
Display
PNP Output
L/D
indicators
Models
Operation
mode
Timing chart
Output circuit
E3NX-FA41
E3NX-FA8
E3NX-FA51
E3NX-FA9
E3NX-FA54
E3NX-FA9TW
E3NX-FA54TW
Light-ON
Dark-ON
Light-ON
Dark-ON
Light-ON
Dark-ON
Light-ON
Dark-ON
lit.
L
lit.
D
lit.
L
lit.
D
lit.
L
lit.
D
lit.
L
lit.
D
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
(Between blue and
black leads)
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
(Between blue and
black leads)
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
(Between blue and black
(orange) leads)
ch1/
ch2
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
(Between blue and black
(orange) leads)
ch1/
ch2
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
(Between blue and
black leads)
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
(Between blue and
black leads)
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
(Between blue and black
(orange) leads)
ch1/
ch2
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
(Between blue and black
(orange) leads)
ch1/
ch2
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
Photoelectric
Sensor
main
circuit
Load
Control
output
Brown
Black
Blue
10 to 30
VDC
OUT indicator (orange)
Display
Photoelectric
Sensor
main
circuit
Load
Load
OUT2 indicator (orange)
Control output
ch2
Control output
ch1
Brown
Black
Pink
Orange
Blue
10 to 30
VDC
OUT1 indicator
(orange)
Display
External
intput
Photoelectric
Sensor
main
circuit
Load
Control
output
Brown
Black
Orange
Blue
10 to 30
VDC
OUT indicator (orange)
Display
External
intput
Photoelectric
Sensor
main
circuit
Load
Load
OUT2 indicator (orange)
Control output
ch2
Control output
ch1
Brown
Black
Orange
Blue
10 to 30
VDC
OUT1 indicator
(orange)
Display
•
M8 Connector Pin Arrangement
1
2 4
3
1
2
4
3
•
M8 Connector Pin Arrangement
1
2 4
3
•
M8 Connector Pin Arrangement
1
2 4
3
1
2
4
3
1
2
4
3
Plug (Sensor I/O Connector)
Wire color
Connection pin
Application
Brown
1
Power supply (+V)
White
2
External input / Output
Blue
3
Power supply (0 V)
Black
4
Output
2
4
1
3
1
2
3
4
Brown
White
Blue
Black
Wire color
Terminal number
XS3F-M421-402-A
XS3F-M421-405-A
XS3F-M422-402-A
XS3F-M422-405-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com