Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # E39-R
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button E39-R Datasheet HTML 12Page - Omron Electronics LLC E39-R Datasheet HTML 13Page - Omron Electronics LLC E39-R Datasheet HTML 14Page - Omron Electronics LLC E39-R Datasheet HTML 15Page - Omron Electronics LLC E39-R Datasheet HTML 16Page - Omron Electronics LLC E39-R Datasheet HTML 17Page - Omron Electronics LLC E39-R Datasheet HTML 18Page - Omron Electronics LLC E39-R Datasheet HTML 19Page - Omron Electronics LLC E39-R Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 100 page
background image
Saving Space
Sleeve Models (Close-range Detection)
Saving Space
Sleeve Models (Close-range Detection)
16
16
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
17
17
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Through-beam → This Page Reflective → 18 Page
E32-T33 1M (Free Cutting)
35
2,000
15
1.25
15
12
E39-F9: Provided
Stainless-steel tube
1 dia.
Heat-shrinkable tube
1 dia.
2 dia. (SUS304)
1.4 dia.
Sensing
surface
Heat-shrinkable tube
Sensing surface
0.25 dia.
1 dia.
1,000
12
55
10
40
0.5 dia.
3 dia. (SUS303)
E39-F9: Provided
3.2
Stainless-steel tube
1.2 dia. max.
(SUS304)
2.2 dia.
11
90
2,000
Sensing surface
1 dia.
M4×0.7 (coarse thread)
(Nickel-plated brass)
Opposite side 7,
thickness 2.4 (Nickel-plated brass)
Washer (Nickel-plated iron)
2.3
0.6
15
15
2,000
2.5 dia. (SUS304)
(45)
Stainless-steel tube
0.81 dia.
Sensing
surface
1 dia.
Model display tube
2.5 dia
E39-F9: Provided
17-C
E32-T24R 2M (Free Cutting)
E32-T24E 2M (Free Cutting)
17-A
17-B
E32-T21-S1 2M (Free Cutting)
17-D
E32-TC200BR 2M (Free Cutting)
17-E
2.5
Stainless-steel
tube 0.82 dia.
Opposite side 5.5,
thickness 1.8 (Nickel-plated brass)
Washer (Nickel-plated iron)
M3×0.5 (Nickel-plated brass)
E39-F9: Provided
Sensing
surface
0.5 dia.
2,000
15
15
1 dia.
760
250
670
220
250
75
220
75
3,000
1,050
M3
0.82 dia.
15
15
2.5
dia.
0.81
dia.
15 15
2
dia.
1
dia.
15
20
0.5 dia.
3 dia.
40
15
E32-T24R 2M
Top-view
Side-view
Flexible,
R1
R10
0.5 dia.
(5 μm dia./
2 μm dia.)
0.25 dia.
(5 μm dia./
2 μm dia.)
0.5 dia.
(5 μm dia./
2 μm dia.)
E32-T24E 2M
150
20
17-A
17-B
E32-T33 1M
E32-T21-S1 2M
17-C
17-D
Appearance (mm)
Sensing direction
Bending
radius
of cable
Sensing distance (mm)
Optical axis
diameter
(minimum
sensing
object)
Models
17 Page
Dimensions
No.
ST :
SHS:
370
60
ST :
SHS:
130
20
ST :
SHS:
450
68
ST :
SHS:
IP67
IP67
IP67
IP67
510
170
450
150
170
50
150
50
100
20
E3X-HD
ST :
SHS:
250
60
ST :
SHS:
90
20
ST :
SHS:
300
68
ST :
SHS:
M4
1.2 dia.
90
11
Flexible,
R1
1 dia.
(5 μm dia./
2 μm dia.)
E32-TC200BR 2M
17-E
1,500
280
ST :
SHS:
IP67
2,000
700
1,000
280
ST :
SHS:
Sleeve bending radius:
5 mm
The sleeve cannot
be bent.
The sleeve cannot
be bent.
The sleeve cannot
be bent.
The sleeve cannot
be bent.
E3NX-FA
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
Note 1.
2.
Other modes
HS
GIGA
Other modes
HS
GIGA
Specifications
Dimensions
- Reference Information for Model Selection -
Through-beam Fiber Units
Sleeve Bender (sold separately)
Through-beam Fiber Units (Set of 2)
Installation Information → 60, 61 Page
In case of bending sleeve
The E32-TC200BR has a bendable sleeve.
Use the Sleeve Bender to bend them.
•
Sleeve Fiber Units allow detection away from
the point of installation for stable close-range
detection of small objects.
•
The shape of sleeve can be changed freely.
(Refer to the sleeve bending specifications in the
Appearance column of the specifications table.)
Appearance
Applicable Fiber Units
Model
E32-TC200BR
Uses for the bending
of the sleeve.
E39-F11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com