Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R Datasheet(PDF) 55 Page - Omron Electronics LLC

Part # E39-R
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R Datasheet(HTML) 55 Page - Omron Electronics LLC

Back Button E39-R Datasheet HTML 51Page - Omron Electronics LLC E39-R Datasheet HTML 52Page - Omron Electronics LLC E39-R Datasheet HTML 53Page - Omron Electronics LLC E39-R Datasheet HTML 54Page - Omron Electronics LLC E39-R Datasheet HTML 55Page - Omron Electronics LLC E39-R Datasheet HTML 56Page - Omron Electronics LLC E39-R Datasheet HTML 57Page - Omron Electronics LLC E39-R Datasheet HTML 58Page - Omron Electronics LLC E39-R Datasheet HTML 59Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 100 page
background image
Special Applications
Special Applications
54
54
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
55
55
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
FPD, Semiconductors, and Solar Cells
FPD, Semiconductors, and Solar Cells Limited-reflective → Thispage Through-beam → 56 page
E32-L16-N 2M (Free Cutting)
E32-A09 2M (Free Cutting)
55-A
55-E
E32-A08 2M (Free Cutting)
E32-A09H2 2M (No Cutting)
55-B
55-F
E32-A08H2 2M (No Cutting)
E32-L11FP 2M (Free Cutting)
55-C
55-G
E32-A12 2M (Free Cutting)
E32-L11FS 2M (Free Cutting)
55-D
55-H
Two, 2.2 dia.
Model display tube
Two, 3.2 dia.mounting holes with
two, 6 dia. countersinks on both sides
2,000
14
20.5
3.8
Sensing
surface
(PVC)
10.6
0.95
2.7
6.8
7
(45)
Mounting holes
6.5±0.1
Two, M3
Sensing surface
1.5
4 dia. 8.6
(5)
4 10.7
6.5
4 dia.
2.2 dia.
(SUS303)
Flexible tube: Two, 2.9 dia.
(Stainless steel)
Sleeve (Aluminum)
A
30 (B)
2,000
Two, 3.4 dia.
mounting holes
with two, 6.3 dia.
countersinks on
one side
18
5
26
Note: The maximum allowable temperatures is 300°C for
sections A and 110°C for section B (section inserted
into Amplifier Unit).
1.1
2,000
Sensing surface
Two, 3.2 dia. mounting holes with
two, 6 dia. countersinks on both sides
5
3.8
10.7 6.5
(ABS)
12
14
24.5
Two, 2.2 dia.
6.5±0.2
Two, M3
Mounting holes
14 12
24.5
10.7
6.5
2,000
1.1
3.8
Model display tube
Optical fiber
Two, 2.2 dia.
Optical axis
Two, 3.2 dia. mounting holes
with four, 6 dia. countersinks
on both sides
5
2,000
Two, 2.2 dia.
Sensing surface
Lenses 5.8 dia.
Two, 3.2 dia. mounting holes with
two, 6 dia. countersinks on one side
8.9
(Aluminum)
23
9
20
12
7
28 (B)
7
12
A
5
2,000
*
(SUS303)
Two, 2.8 dia.
flexible tubes
(SUS304)
Two, 3.2 dia. mounting holes
with two, 6 dia. countersinks
on both sides
Sensing surface
Lenses 5.8 dia.
4 dia. 2.2 dia.
8.9
30
9
24
Note: The maximum allowable temperatures for sections A and B
are 300°C and 110°C, respectively. The section inserted into
the Amplifier Unit (indicated by *) must be maintained within
the Amplifier Unit's operating temperature range.
Two, 2.2 dia.
Two, 4.2 dia. mounting holes
12
22
14
40
(Heat-resistant PVC)
27
Sensing object (Glass)
(PFA)
(PFA)
Two, 4 dia, (t=0.5)
(PTFE) 2 m
17.5
Two, 4 dia, (t=0.5)
(PTFE) 2 m
(PFA)
(PFA)
SUS316L
Two, 2.2 dia.
Two, 4.2 dia. mounting holes
12
35
10
38.5
Sensing object (Glass)
39
10 to 20
10 to 20
0 to 15
0 to 15
12 to 30
12 to 30
15 to 38
(Center 25)
15 to 38
20 to 30
20 to 30
(Center 25)
38.5
17.5
Mounting
hole A
14
20
40
Mounting
hole A
30
9
24
26
5
18
23
9
20
14
20.5
3.8
24.5
5
14
24.5
5
14
E32-L16-N 2M
*1
Application Ambient
temperature
70℃
70℃
60℃
300℃
300°C
*2
85℃
Glass-
substrate
Alignment
Glass
presence
detection
Mapping of
glass
substrates
Wet processes
(Cleaning,
Resist
developing,
and etching)
Wet
processes
(Resist
stripping)
R25
R40
Soda glass
with reflection
factor of 7%
End surface
of soda glass
with reflection
factor of 7%
(t = 0.7 mm,
rounded
edges)
8 to 20 mm from tip of lens
(Recommended sensing distance: 11 mm)
19 to 31 mm from center of mounting hole A
(Recommended sensing distance: 22 mm)
8 to 20 mm from tip of lens
(Recommended sensing distance: 11 mm)
32 to 44 mm from center of mounting hole A
(Recommended sensing distance: 35 mm)
Glass
(t=0.7mm)
E32-A08 2M
*1
10 to 20
−
55-A
E32-A08H2 2M
*1
55-C
E32-A12 2M
55-D
E32-A09 2M
55-E
E32-A09H2 2M
55-F
E32-L11FP 2M
55-G
E32-L11FS 2M
55-H
55-B
Appearance (mm)
Bending
radius
of cable
Sensing distance (mm)
Standard
sensing object
(minimum
sensing object)
Models
55 Page
Dimensions
No.
ST :
SHS:
0 to 15
0 to 12
ST :
SHS:
12 to 30
−
ST :
SHS:
15 to 38
−
ST :
SHS:
20 to 30
−
ST :
SHS:
IP40
IP40
IP30
IP40
IP40
IP40
IP67
IP67
10 to 20
10 to 20
10 to 20
−
E3X-HD
ST :
SHS:
0 to 15
0 to 15
0 to 15
0 to 12
ST :
SHS:
12 to 30
12 to 30
12 to 30
−
ST :
SHS:
15 to 38
(Center 25)
15 to 38
15 to 38
−
ST :
SHS:
20 to 30
20 to 30
(Center 25)
20 to 30
−
ST :
SHS:
(Center 25)
(Center 25)
(Center 25)
(Center 25)
E3NX-FA
Other modes
HS
GIGA
Other modes
HS
GIGA
Glass-substrate
Alignment
Specifications
Dimensions
*1 If operation is affected by the background, perform power tuning to decrease the incident light level.
*2 The maximum allowable temperature is not the same for all parts of the Fiber Unit. Refer to the dimensions diagrams for details.
Must not be repeatedly subject to rapid temperature changes.
Raw glass
(t = 0.7 mm, rounded edges)
Distance
E32-A09
E32-A08
E32-A08H2
Detection position
accuracy: 0.2 mm max.
10 to 20mm
Distance (mm)
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
5 10 15 20 25 30 35 40 45 50 55 60
Stable detection
•
Glass-substrate Alignment
•
Glass-substrate Mapping
Detection position accuracy: 0.2 mm max.
No variation in detection positions even if the
sensing distance changes.
Tilting workpiece does not affect detection.
Stable detection is possible even for difficult-to-
detect curved surfaces.
Limited-reflective Fiber Units
Limited-reflective Fiber Units
Installation Information → 58, 59 Page
Spherical heads eliminate
liquid build up.
Liquid builds up on flat
head.
Water droplet
•
Glass Presence Detection in Wet
Processes
Stable non-contact detection even with
warped glass.
The spherical heads ensure stable detection
without being influenced by liquid.
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
Note 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com