Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E39-R
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R Datasheet(HTML) 3 Page - Omron Electronics LLC

  E39-R Datasheet HTML 1Page - Omron Electronics LLC E39-R Datasheet HTML 2Page - Omron Electronics LLC E39-R Datasheet HTML 3Page - Omron Electronics LLC E39-R Datasheet HTML 4Page - Omron Electronics LLC E39-R Datasheet HTML 5Page - Omron Electronics LLC E39-R Datasheet HTML 6Page - Omron Electronics LLC E39-R Datasheet HTML 7Page - Omron Electronics LLC E39-R Datasheet HTML 8Page - Omron Electronics LLC E39-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
Easy
Fiber Sensor Best Selection
All in One Desk-top Navigation
Optimal Fiber Sensor for additional installation when starting production.
Fiber Units for various Installation Conditions,
Fiber Amplifier Units with easy optimum setting
‘Easy’ and ‘Stable’ for Minimal Cost Process.
Fiber Sensor
Smart Tuning
“Achieve Easy Detection in Many Applications”
Just press the button to set
the optimum incident level
and threshold.
Consistent settings are
achieved for all users with
this ultra-easy procedure.
Optimum Light Intensity Adjustment
from Transparent Objects to Black Workpieces
The incident level is optimized to enable stable detection even for saturated or insufficient incident levels.
“Smooth Wiring and Setting”
Reduced Wiring
Simply link the Fiber Amplifier Units together for easy wiring and checking.
Separate Installation
Use the Distributed Sensor Unit for distributed installation to reduce introduction costs and work.
Easy Setup
Commissioning time is reduced
with batch setting from a Touch
Panel or backup data for
process switchovers.
Improved Basic Performance
“Expanded Application Response Capabilities”
Improvements in the sensing distance and minimum sensing object increase the range of
application for stable detection.
E32
Fiber Units
E3NX-FA
Smart Fiber Amplifier Units
62, 64
Page
Fiber Sensor
Stable
Basic Features of Fiber Sensors
Digital display achieves visual
control and quantitative control.
Ideal for narrow spaces
or for detecting minute
objects.
Set the threshold by a sensitivity
adjuster / Check the operation by
an indicator.
Quantitative control over threshold settings
with a digital display.
Conventional Photoelectric Sensor with Built-in Amplifier
Fiber Sensor
• Ambiguous standard
(e.g., 3/4 turn of adjuster)
• Indicator does not show the present value.
• The reference value can be set numerically for
easier specification.
• Easily perceivable present value.
06
Page
E3NW
Sensor Communications Units
62, 64
Page
1/2000
20
1
Excessive Incident Level
Incident light reduced.
Light Intensity Adjustment Range of 40,000 Times
Incident light increased.
1.5 Times
the Sensing Distance*
1/10th
the Minimum Sensing Object*
6 m
0.3 µm dia.
For E32-LT11 Fiber Unit with a
fiber length of 3.5 m
Typical example of actual measurements
with E32-D11R Fiber Unit.
*Compared to E3X-HD.
Press the
button
once with a workpiece and
once without a workpiece
TUNE
Automatic Setting of
Optimum Values
5000 9999
ST
Controller
Sensor Communications Units
Master
Distributed Sensor
Units
Slaves
Open Network
Wide Variety
“Mounts Anywhere”
Variously-shaped, compact heads allow
installation in any small space.
Suitable for Harsh Environments
Fiber Units are available for various installation
conditions and can be installed as is, even in
harsh environments.
NEW
NEW
02
03
Set to the intermediate
value between the
incident levels with and
without a workpiece.
Incident level
adjustment with and
without a workpiece
Network between Units
Threshold + Incident
Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com