Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E39-R
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E39-R Datasheet HTML 9Page - Omron Electronics LLC E39-R Datasheet HTML 10Page - Omron Electronics LLC E39-R Datasheet HTML 11Page - Omron Electronics LLC E39-R Datasheet HTML 12Page - Omron Electronics LLC E39-R Datasheet HTML 13Page - Omron Electronics LLC E39-R Datasheet HTML 14Page - Omron Electronics LLC E39-R Datasheet HTML 15Page - Omron Electronics LLC E39-R Datasheet HTML 16Page - Omron Electronics LLC E39-R Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
Standard Installation
Cylindrical Models
Standard Installation
Cylindrical Models
Through-beam → 10 Page
Reflective → This Page
12
12
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
13
13
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
125
1,000
15
15
15
3
5
Model display tube
Brancher 3.5: dia.
0.9 dia.
Fiber Attachment*
1.5 dia. (SUS303)
Stainless-steel tube 0.5 dia.
Sensing surface
Four, 0.125 dia.
Protective tube
2.1 dia.
2,000
3
Two, 1 dia.
E39-F9: Provided
Sensing surface
Two, 0.5 dia.
2.7 dia. 3 dia. (Nickel-plated brass)
15
100
2,000
15
Sensing surface
Four, 0.25 dia.
1 dia.
Brancher (ABS): 3.5 dia.
Fiber Attachment*
*Attached with adhesive and cannot be removed.
* Attached with adhesive and cannot be removed.
1.5 dia. (SUS304)
15
Emitter fiber:
two, 0.25 dia.
Receiber fibers:
two, 0.25 dia.
Enlarged View of Sensing Surface
2,000
Two, 1 dia.
E39-F9: Provided
Sensing surface
Two, 0.5 dia.
3 dia. (Nickel-plated brass)
15
Note:
There is a yellow dotted line on the Emitter fiber.
Emitter fiber:
1 dia.
Receiver fibers:
Sixteen, 0.265 dia.
Brancher (heat-resistant,
ABS, black): 6 dia.
Two, 2.2 dia.
15
400
15
1,570
2,000
3 dia. (SUS304)
Stainless-steel tube
0.8 dia.
Heat-shrinkable tube
Two, 1 dia.
35
2,000
12
E39-F9: Provided
Sensing surface
Two, 0.25 dia.
15
15
3 dia. (SUS303)
210
60
100
30
1,050
300
450
130
210
60
42
12
1.5 dia.
0.5 dia.
15
3
3 dia.
15
1.5 dia.
15
3 dia.
15
15
3 dia.
3 dia.
0.8 dia.
20
15
E32-D22B 2M
Size
Sensing
direction
1.5 dia.
1.5 dia.
+
0.5 dia.
3 dia.
+
0.8 dia.
3 dia.
Top-view
Bend-
resistant,
R4
R4
Bend-
resistant,
R4
Flexible,
R1
R25
(5 μm dia./
2 μm dia.)
E32-D43M 1M
90
16
13-A
13-B
E32-D22R 2M
13-C
E32-D221B 2M
13-D
E32-D32L 2M
13-E
E32-D33 2M
13-F
Appearance (mm)
Bending
radius
of cable
Sensing distance (mm)
Optical axis
diameter
(minimum
sensing
object)
Models
13 Page
Dimensions
No.
ST :
SHS:
18
4
ST :
SHS:
90
16
ST :
SHS:
210
40
ST :
SHS:
450
90
ST :
SHS:
45
8
ST :
SHS:
140
40
70
20
700
200
300
90
140
40
28
8
60
16
ST :
SHS:
12
4
ST :
SHS:
60
16
ST :
SHS:
140
40
ST :
SHS:
300
90
ST :
SHS:
30
8
ST :
SHS:
IP67
IP67
IP67
IP67
IP67
IP67
E3X-HD
E3NX-FA
Coaxial
Other modes
HS
GIGA
Other modes
HS
GIGA
The sleeve
cannot
be bent.
The sleeve
cannot
be bent.
•
Inserted where space is limited.
(Secured using a set screw.)
secured with a
set screw
E32-D22B 2M
(No Cutting)
E32-D43M 1M
(No Cutting)
Specifications
Dimensions
- Reference Information for Model Selection -
13-A
13-B
E32-D22R 2M
(Free Cutting)
13-C
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
The sensing distances for Reflective Fiber Units are for white paper.
Note 1.
2.
3.
E32-D33 2M
(Free Cutting)
E32-D32L 2M
(Free Cutting)
E32-D221B 2M
(Free Cutting)
13-D
13-E
13-F
Reflective Fiber Units
Reflective Fiber Units
Installation Information → 58, 59 Page
Recommended Mounting Hole Dimensions
The recommended mounting-hole dimensions for
Cylindrical Fiber Units are given below.
Features of Coaxial Re ective Type
These Fiber Units offer better detection of small objects at close distances
(of 2 mm or less) than Standard Reflective Fiber Units.
They also detect glossy surfaces more reliably than Standard Reflective
Fiber Units, even if the surface is tilted.
The receiver fibers are arranged around the emitter fiber as shown below.
Emitter fiber
Receiver fibers
(Unit: mm)
Outer diameter of Fiber Unit
1.5 dia.
3 dia.
dia.
dia.
Dimension F
F
1.7 +0.50
3.2+0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com