Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R Datasheet(PDF) 83 Page - Omron Electronics LLC

Part # E39-R
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R Datasheet(HTML) 83 Page - Omron Electronics LLC

Back Button E39-R Datasheet HTML 79Page - Omron Electronics LLC E39-R Datasheet HTML 80Page - Omron Electronics LLC E39-R Datasheet HTML 81Page - Omron Electronics LLC E39-R Datasheet HTML 82Page - Omron Electronics LLC E39-R Datasheet HTML 83Page - Omron Electronics LLC E39-R Datasheet HTML 84Page - Omron Electronics LLC E39-R Datasheet HTML 85Page - Omron Electronics LLC E39-R Datasheet HTML 86Page - Omron Electronics LLC E39-R Datasheet HTML 87Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 100 page
background image
Fiber Amplifiers, Communications Unit and Accessories
E3X-HD
Fiber Amplifiers, Communications Unit and Accessories
E3X-HD
82
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
83
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
82
83
I/O Circuit Diagrams
NPN Output
PNP Output
Nomenclature
Operating Procedures
(1) Detect for Workpiece Presence/Absence
(2) Enhance Durability of the Fiber Head against Dust and Stain
• 2-point Tuning
Incident light level setting:
The incident level in Step 1 is adjusted to "0".
Threshold setting:
The value is set to approx. 7% of the incident
light level of 1.
If the incident light level of 1 is smaller during
long distance detection, the minimum value by
which an output is correctly turned ON will be set.
Incident light level setting:
Adjust the max. incident light level on Step 1 as the power tuning level.
Threshold setting:
Set to the middle between max. and min. incident light levels on Step 1.
Incident light level setting:
The Step 2 incident level is adjusted to half the power tuning level.
Threshold setting:Set to the same value as the Step 2 incident level.
(3) Adjust for Moving Workpiece without Stopping Line
• Full Auto Tuning
(4) Determine Workpiece Position
• Position Tuning
1.
2.
Incident light level setting:
The larger incident level of the Step 1 and 2 values is adjusted to the power tuning level.
Threshold setting:Set to the middle between the Step 1 and 2 incident light levels.
Through-beam: Workpiece is present
Reflective: Workpiece is absent
The red digital display changes [1pnt] →[ full]
The red digital display changes [2pnt] → [p,s].
Workpiece
Workpiece
Basic Settings
Workpiece
Setting is Completed
Setting is Completed
Setting is Completed
Setting is Completed
Setting is Completed
Step 1 and Step 2 can be reversed.
Output switching
Smart Tuning [Easy Sensitivity Setting]
• Percentage Tuning
• Smart Tuning Error
Incident light level setting:
The Step 2 incident light level is adjusted to the power tuning level.
Threshold setting:Set to the value obtained by [Incident Level at
Step 2 × Percentage Tuning Level + Incident Level at Step 2].
(5) Detect Transparent or Small Workpiece
(Set Threshold by incident light level percentage)
1. Turn ON Percentage Tuning in SET mode.
2.
Error / Display / Cause
Remedy
Error Origin Tuning Type
2-point Tuning
Full Auto Tuning
Positioning Tuning
All
Tuning other than
Maximum Sensitivity
Tuning
• Change the detection function mode
to a slower response time mode.
• Reduce the distance between the
light emitting and light receiving
surfaces. (Through-beam)
• Place the Fiber Head closer to the
sensing object. (Reflective)
• Enhance the power tuning level.
• Use a thin-diameter fiber.
• Widen the emitter and receiver
distance (Through-beam)
• Distance the Fiber Head from the
sensing object(Reflective)
• Decrease the power tuning level.
• Reduce the distance between the light
emitting and light receiving surfaces.
(Through-beam)
• Place the Fiber Head closer to the
sensing object. (Reflective)
The light level difference
between Points 1 and 2
are extremely small.
Incident light level is
too high.
Incident light level is
too low.
Near Error
Over Error
Low Error
Minute Adjustment of Threshold Level
1.
No Smart Tuning other than Power Tuning can be used if Percentage
Tuning is set.
The adjustment range of smart tuning is approx. 20 to 1/100 times.
When selecting giga mode as detection function, the range will be approx.
2 to 1/100 times due to the large initial value.
Hold the key for high-speed level adjustment.
per
st
The threshold level becomes higher.
The threshold level becomes lower.
Refer to "Detailed Settings" to change the power tuning level.
Refer to
"Detailed Settings".
L/D
indicators
Models
Operation
mode
Timing chart
Output circuit
E3X-HD11
E3X-HD6
E3X-HD14
Light-ON
Dark-ON
L/D
indicators
Models
Operation
mode
Timing chart
Output circuit
E3X-HD41
E3X-HD8
E3X-HD44
Light-ON
Dark-ON
lit.
D
lit.
L
lit.
D
lit.
L
Workpiece
1pnt
st
p,5
st
Load
Brown
Control output
Black
Blue
OUT indicator (orange)
Photoelectric
Sensor
main
circuit
12 to 24 VDC
Display
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
(Between brown and
black leads)
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
(Between brown and
black leads)
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
(Between blue and
black leads)
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
(Between blue and
black leads)
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
Control output
Brown
Black
Blue
12 to 24 VDC
OUT indicator (orange)
Display
Photoelectric
Sensor
main
circuit
Load
Note:
Timing Charts for Timer Settings (T: Set Time)
Incident light
No incident light
ON
OFF
ON
OFF
ON delay
OFF delay
One-shot
Light-ON
Dark-ON
Incident light
No incident light
ON
OFF
ON
OFF
Light-ON
Dark-ON
Incident light
No incident light
ON
OFF
ON
OFF
Light-ON
Dark-ON
T
T
T
T
T
T
[L/D Indicator]
Indicates the setting status:
Light-ON (L) or Dark-ON (D).
[DPC Indicator]
Turns ON when Dynamic Power Control
is effective.
[ L/D Button]
Use to switch between
Light-ON (L) and Dark-ON (D).
[OUT Indicator]
Turns ON when
the output is ON.
[ST Indicator]
Turns ON when Smart Tuning
is in progress.
Automatically sets the emitter
power and set values.
Threshold Level
Green digital display
Incident Level
Red digital display
[+ −UP/DOWN Button]
Used to fine-tune the threshold
or change set values.
[ MODE Button]
Use to switch between Detection
Mode and Setting Mode.
[
TUNE Button]
Press
button.
Through-beam:
Set to “Dark ON" to turn the output ON
with a workpiece in the detection area.
[L/D Indicator] turns
ON.
Reflective:
Set to “Light ON" to turn the output ON
with a workpiece in the detection area.
[L/D Indicator] turns
ON.
1.
L/D
D
L
Press
button with a workpiece in the detection area.
1.
TUNE
Press
button again without a workpiece in the detection
area.
2.
TUNE
• Maximum Sensitivity Tuning
Hold
button for 3 seconds or longer with/without workpiece
as shown below.
Release the button when [ st full] is displayed.
1.
TUNE
Hold for 3 seconds or longer
Hold for 3 seconds or longer
Hold for 7 seconds or longer
Hold the
button without the presence of a workpiece, and
pass the workpiece through while [1pnt] →
[ full] → [ aut,] is displayed in red digital.
(Keep holding the
button while the
workpiece passes through, and hold 7
seconds or longer until [ aut,] is displayed in
red digital. After the workpiece passes through,
release your finger from the
button.)
1.
TUNE
TUNE
TUNE
Press
button without a workpiece in the area.
TUNE
Place the workpiece at the desired position and hold
button.
TUNE
Press
button without a workpiece in the area.
TUNE
UP/DOWN
Press
button to adjust the threshold level.
•
M8 Connector Pin Arrangement
Note: Pin 2 is not used.
1
2 4
3
1
4
3
•
M8 Connector Pin Arrangement
Note: Pin 2 is not used.
1
2 4
3
1
4
3
Plug (Sensor I/O Connector)
Note:
Pin 2 is not used.
Wire color
Connection pin
Application
Brown
1
Power supply (+V)
White
2
---
Blue
3
Power supply (0 V)
Black
4
Output
2
4
1
3
1
2
3
4
Brown
White
Blue
Black
Wire color
Terminal number
XS3F-M421-402-A
XS3F-M421-405-A
XS3F-M422-402-A
XS3F-M422-405-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com