Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # E39-R
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button E39-R Datasheet HTML 31Page - Omron Electronics LLC E39-R Datasheet HTML 32Page - Omron Electronics LLC E39-R Datasheet HTML 33Page - Omron Electronics LLC E39-R Datasheet HTML 34Page - Omron Electronics LLC E39-R Datasheet HTML 35Page - Omron Electronics LLC E39-R Datasheet HTML 36Page - Omron Electronics LLC E39-R Datasheet HTML 37Page - Omron Electronics LLC E39-R Datasheet HTML 38Page - Omron Electronics LLC E39-R Datasheet HTML 39Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 100 page
background image
Transparent Object Detection
Retro-reflective
Transparent Object Detection
Retro-reflective
Retro-reflective → This page Limited-reflective → 36 page
34
34
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
35
35
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Dimensions
E32-R21 2M (Free Cutting)
E39-R3 (Provided)
10 to 370
10 to 370
* This effect may not be as strong for some films. Check suitability beforehand.
40.3
59.9
10
42
21.5
M6
22.5
27.8
38
Type
Appearance (mm)
Bending
radius
of cable
Sensing distance (mm)
Optical axis
diameter
(minimum
sensing
object)
Models
E32-R16 2M
35 Page
Dimensions
No.
Features
Size
Square
Threaded
Models
Film
detection
*
M6
M6
R10
R25
Flexible,
R2
-
(0.2 dia./
0.07 dia.)
(0.1 dia./
0.03 dia.)
E32-R21 2M
E32-LR11NP 2M
+
E39-RP1
Retro-reflective Fiber Units (With M.S.R. Function)
Retro-reflective Fiber Units (With M.S.R. Function)
10 to 370
10 to 250
ST :
SHS:
150 to 1,500
150 to 1,500
ST :
SHS:
E3X-HD
150 to 1,500
150 to 1,500
150 to 1,500
150 to 1,500
10 to 250
10 to 250
10 to 250
10 to 250
ST :
SHS:
150 to 1,500
150 to 1,500
ST :
SHS:
1,200
550
ST :
SHS:
1,800
550
ST :
SHS:
E3NX-FA
Specifications
IP66
IP67
35-A
35-B
35-A
35-C
35-B
35-C
Installation Information → 58, 59 and 61 Page
High Attenuation
High Attenuation
Low Attenuation
<Through-beam>
<Retro-reflective>
Attenuation 20%
Using E32-LR11NP
Before
Interrupted
light level
18%
Before
Using E32-LR11NP
Special polarizing
filters
Dramatically increases attenuation by cutting
distorted light caused by double refraction.
Fiber
Film
Film
Fiber
Reflector
Reflector
Attenuation 11%
Interrupted
light level
80%
•
Retro-reflective Fiber Units are ideal for detecting transparent objects.
The light beam passes through the object twice, this model interrupts light more
than Through-beam model.
•
Excellent detection performance with transparent films.
(E32-LR11NP + E39-RP1)
The specially designed filter eliminates undesirable light, which allows
significantly more light to be interrupted for stable detection of films.
HS
GIGA
Other modes
HS
GIGA
Other modes
Objects with a high reflection factor may cause the Fiber Sensor to detect reflected light as incident light. Also, stable detection may not be possible for transparent objects.
Check suitability beforehand.
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
Note 1.
2.
3.
- Reference Information for Model Selection -
* Installation distance: 200 mm, Sensing
object: Multilayered polyolefin film,
Sensing object position: Middle
M6
44
8.5
80
15.8
IP50
1,350
1,000
2,020
1,500
E39-RP1
2,000
(45)
(11.5)
2.35
5
10
15.8
4.8
11
M6×0.75 (Trivalent chrome-plated zinc alloy)
Hexagonal nut Opposite side: 10, Thickness: 2.4 (Nickel-plated brass)
Toothed washer (Nickel-plated iron)
Sensing surface Two, 1.5 dia.
(optical filter)
Model display tube
Two, 2.2 dia.
0.2
3
8.5
Two, 3.5 dia
80 72 63.6
44
E32-LR11NP 2M (Free Cutting)
E32-LR11NP 2M + E39-RP1
Models
Sensing object
Plate glass,
t: 0.7
Film wrapper
on cigarette
packs
PET bottles
Glass
bottles
E32-R16 2M
E32-R21 2M
Performance Comparison of Transparent Object Detection
For detecting transparent objects, consider using following products together: E32-LR11NP 2M + E39-RP1.
• This configuration features a special built-in optical filter that ensures stable detection of double-refractive materials,
such as films and PET bottles.
• The retro-reflective model is suitable for detecting glass.
E32-R16 2M (Free Cutting)
15.2
13
Sensing surface
Lens (PMMA)
7.2
15
7
16
(ABS)
Two, 2.2 dia.
Standard length: 2 m
Two, M3 set screws:
(Nickel-plated zinc) (provided)
(6)
8
27
10
21.5
21 22.5
17
Mounting bracket
(Zinc-plated iron) provided
E39-R1 (Provided)
34
40.3
52
59.9
2.7
8
1.6
7.5
7
Two, 3.5 dia.
Material:
<Reflective surface>
Methacrylate resin
<Back> ABS
Material:
<Reflective surface>
Methacrylate resin
<Back> ABS
Opposite side 10, thickness 3 (Polyacetal)
Washer (Nitrile rubber)
Two, 1 dia.
Silicon tube
Sensing
surface
Lens (PMMA)
27.8
2.8
11
14
2,000
5 dia.
2.2
M6×0.75
(ABS)
17.8
E39-F9: Provided
29
4.5
6
R20
3.4
7
18.45
22.9
11
20
0.2
0.2
16
22.5
19.3
34
38
34.8
Two, M3 set screws:
(Nickel-plated iron)
(provided)
41.8
10.1 1.2
25.4
R25.4
3.2
10°
1.2
2.6
Mounting bracket:
Stainless steel (SUS304)
Adhesive tape side
Two, 3.2 dia.
13.7
14°
3.4
Material:
<Reflective surface>
Methacrylate resin
<Back> ABS
E32-LR11NP Usage in Combination with a Sheet Reflector
Reference values of sensing distance are provided in the following table.
210
160
550
430
310
240
820
640
13.7
23
50
12
Reflector shape
(mm)
Sensing distance (mm) (reference values)
Other modes
Other modes
Models
E39-RSP1
E39-RP37
280
ST :
−
750
250
ST :
SHS:
E3X-HD
190
ST :
−
500
250
ST :
SHS:
E3NX-FA
HS
GIGA
HS
GIGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com