Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E39-R
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E39-R Datasheet HTML 7Page - Omron Electronics LLC E39-R Datasheet HTML 8Page - Omron Electronics LLC E39-R Datasheet HTML 9Page - Omron Electronics LLC E39-R Datasheet HTML 10Page - Omron Electronics LLC E39-R Datasheet HTML 11Page - Omron Electronics LLC E39-R Datasheet HTML 12Page - Omron Electronics LLC E39-R Datasheet HTML 13Page - Omron Electronics LLC E39-R Datasheet HTML 14Page - Omron Electronics LLC E39-R Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
Standard Installation
Cylindrical Models
Standard Installation
Cylindrical Models
Through-beam → This Page
Reflective → 12 Page
10
10
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
11
11
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
1,120
390
3,000
1,050
1,020
330
670
220
1 dia.
10
3 dia.
14
10
1.5 dia.
E32-T223R 2M
Size
Sensing
direction
1 dia.
1.5 dia.
3 dia.
Top-view
Side-view
Flexible,
R1
Bendresistant,
R4
Flexible,
R1
0.5 dia.
(5 μm dia./
2 μm dia.)
1 dia.
(5 μm dia./
2 μm dia.)
E32-T22B 2M
370
60
11-A
11-B
E32-T12R 2M
11-C
E32-T14LR 2M
11-D
Appearance (mm)
Bending
radius
of cable
Sensing distance (mm)
Other modes
Optical axis
diameter
(minimum
sensing
object)
Models
11 Page
Dimensions
No.
ST :
SHS:
600
90
ST :
SHS:
1,500
280
ST :
SHS:
670
100
ST :
SHS:
IP67
IP67
IP67
IP67
450
150
750
260
2,000
700
680
220
250
60
Other modes
ST :
SHS:
400
90
ST :
SHS:
1,000
280
ST :
SHS:
450
100
ST :
SHS:
3 dia.
35
E3X-HD
E3NX-FA
HS
GIGA
HS
GIGA
secured with a
set screw
•
Inserted where space is limited.
(Secured using a set screw.)
•
Ultramate space-saving by micro-fiber head. (1 dia. × 10 mm)
•
Side-view models can be mounted where there is limited depth.
E32-T223R
1 dia.
10
E32-T223R 2M
(Free Cutting)
E32-T22B 2M
(Free Cutting)
Specifications
Dimensions
- Reference Information for Model Selection -
11-A
11-B
E32-T12R 2M
(Free Cutting)
11-C
E32-T14LR 2M
(Free Cutting)
11-D
Through-beam Fiber Units
Through-beam Fiber Units (Set of 2)
Installation Information → 60 Page
Recommended Mounting Hole Dimensions
The recommended mounting-hole dimensions for Cylindrical Fiber Units are given below.
(Unit: mm)
Outer diameter of Fiber Unit
1.5 dia.
3 dia.
1 dia.
1.2
dia.
dia.
dia.
Dimension F
F
+0.5
0
1.7 +0.50
3.2+0.50
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
Note 1.
2.
10
2,000
Sensing surface
0.5 dia.
1 dia.
1 dia. (Stainless steel)
E39-F9: Provided
10
2,000
1 dia.
1.5 dia. (Nickel-plated brass)
Sensing surface
4-0.25 dia.
E39-F9: Provided
3
2.4 dia.
2.2 dia.
11
14
2,000
Sensing surface
1 dia.
3 dia. (Nickel-plated brass)
35
Sensing surface
30
2
3 dia.
2.8
3 dia. (SUS303) Heat-shrinkable tube
2.2 dia.
12
2,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com