Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R Datasheet(PDF) 37 Page - Omron Electronics LLC

Part # E39-R
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R Datasheet(HTML) 37 Page - Omron Electronics LLC

Back Button E39-R Datasheet HTML 33Page - Omron Electronics LLC E39-R Datasheet HTML 34Page - Omron Electronics LLC E39-R Datasheet HTML 35Page - Omron Electronics LLC E39-R Datasheet HTML 36Page - Omron Electronics LLC E39-R Datasheet HTML 37Page - Omron Electronics LLC E39-R Datasheet HTML 38Page - Omron Electronics LLC E39-R Datasheet HTML 39Page - Omron Electronics LLC E39-R Datasheet HTML 40Page - Omron Electronics LLC E39-R Datasheet HTML 41Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 100 page
background image
Transparent Object Detection
Limited-reflective(GlassDetection)
Transparent Object Detection
Limited-reflective (GlassDetection)
Retro-reflective → 34 page Limited-reflective → This page
36
36
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
37
37
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
E32-L24S 2M (Free Cutting)
E32-L16-N 2M (Free Cutting)
E32-L25L 2M (Free Cutting)
E32-A09 2M (Free Cutting)
E32-A08 2M (Free Cutting)
E32-A12 2M (Free Cutting)
37-A
37-B
37-E
37-D
37-C
37-F
Two, 2.2 dia.
Model display tube
(45)
2,000
14
20.5
3.8
Sensing surface
(PVC)
1.1
2,000
Sensing surface
12
14
24.5
5
3.8 10.7 6.5 (ABS)
Two, 2.2 dia.
7
6.8
2.7
0.95
10.6
Two, 3.5 dia. mounting holes
with two, 6 dia. Countersinks
on both sides
Two, 1 dia.
E39-F9: Provided
(ABS)
11
2.5
14
Sensing surface
2,000
3.5
2 7
2
3.5
Two, 3.2 dia.mounting holes with
two, 6 dia. Countersinks on both sides
Two, 3.2 dia. mounting holes with
two, 6 dia. Countersinks on both sides
Sensing distance
Two, 1 dia.
2,000
6
6.5
(Polycarbonate)
Two, 3.2 dia. mounting holes
with two, 6 dia. countersinks
on both sides
4
18
16
Sensing surface Two, 3.2 dia.
E39-F9: Provided
2,000
Two, 2.2 dia.
12
7
Sensing surface
5.8 dia. Lenses
Two, 3.2 dia. mounting holes with
two, 6 dia. countersinks on one side
8.9
(Aluminum)
23
9
20
1.1
2,000
Sensing surface
12
14
24.5
5
3.8
10.7 6.5
(ABS)
Two, 2.2 dia.
Two, 3.2 dia. mounting holes with
two, 6 dia. Countersinks on both sides
0 to 4
0 to 15
0 to 4
0 to 15
5.4 to 9
5.4 to 9
(Center 7.2)
10 to 20
10 to 20
15 to 38
15 to 38
12 to 30
12 to 30
23
9
20
24.5
5
14
24.5
5
14
18
4
16
20.5
3.8
14
14
2.5
11
Type
E32-L24S 2M
Features Detection
direction
Small
size
Standard
Side
View
form
Standard
long
distance
R10
R10
(5 μm dia./
2 μm dia.)
Soda glass with
reflection factor
of 7%
End surface of
soda glass with
reflection factor
of 7%
(t = 0.7 mm,
rounded edges)
E32-L16-N 2M
E32-L25L 2M
E32-A08 2M
*
Side-
view
Top-
view
Flat-
view
R25
E32-A12 2M
(5 μm dia./
2 μm dia.)
Glass-
substrate
alignment,
70°C
E32-A09 2M
Glass-
substrate
Mapping,
70°C
R25
0 to 4
0 to 4
37-A
37-B
37-E
37-D
37-C
37-F
Appearance (mm)
Bending
radius
of cable
Sensing distance (mm)
Standard
sensing object
(minimum
sensing object)
Models
37 Page
Dimensions
No.
ST :
SHS:
0 to 15
0 to 12
ST :
SHS:
10 to 20
−
ST :
SHS:
12 to 30
−
ST :
SHS:
IP50
IP40
IP50
IP40
IP40
IP40
0 to 4
0 to 15
0 to 4
0 to 15
5.4 to 9
5.4 to 9
(Center 7.2)
(Center 7.2)
(Center 25)
(Center 7.2)
(Center 25)
(Center 25)
(Center 25)
10 to 20
10 to 20
15 to 38
15 to 38
0 to 4
0 to 4
0 to 15
0 to 12
12 to 30
−
5.4 to 9
5.4 to 9
10 to 20
−
15 to 38
−
E3X-HD
ST :
SHS:
ST :
SHS:
ST :
SHS:
ST :
SHS:
ST :
SHS:
ST :
SHS:
5.4 to 9
5.4 to 9
15 to 38
−
ST :
SHS:
ST :
SHS:
E3NX-FA
12 to 30
12 to 30
HS
GIGA
Other modes
HS
GIGA
Other modes
•
These Fiber Units are based on a limited-reflective optical system where
the emitting light and receiving light axes intersect at the same angle.
This allows for stable detection of glass because the Fiber Units receives
the specular reflection of the glass when the glass is in the sensing range.
E32-L25L + E3NX-FA21
E32-L25L+E3NX-FA21
0 1 2 3 4 5 6 7 8 9 1011121314151617181920
Distance (mm)
0
2000
4000
6000
8000
9999
Stable Detection of Glass
Background is not detected.
Glass, t = 0.7
SUS304
Sensing
range
* If operation is affected by the background, perform power tuning to decrease the incident light level.
Specifications
Dimensions
Limited-reflective Fiber Units
Limited-reflective Fiber Units
* E3NX-FA21 used in high-speed (HS) mode.
Installation Information → 58, 59 Page
0
2000
4000
6000
8000
9999
20
15
10
5
0
Distance (mm)
E32-L24S
Sensing range
20
15
10
5
0
Distance (mm)
0
2000
4000
6000
8000
9999
E32-L25L
Sensing range
40
30
20
10
0
Distance (mm)
0
2000
4000
6000
8000
9999
E32-L16-N
Sensing range
40
30
20
10
0
Distance (mm)
0
2000
4000
6000
8000
9999
E32-A08
Sensing range
60
50
40
30
20
10
0
Distance (mm)
0
2000
4000
6000
8000
9999
E32-A12
Sensing range
100
80
60
40
20
0
Distance (mm)
0
2000
4000
6000
8000
9999
E32-A09
Sensing range
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
The sensing distances for Reflective Fiber Units are for white paper.
Note 1.
2.
3.
- Reference Information for Model Selection -
Glass, t = 0.7
SUS304
Sensing Distance vs. Digital Value
Limited-reflective Fiber Unit can keep high digital value within the sensing area for glass.
The digital value gets lower out of the sensing area for metals, including SUS (common as background).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com