Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R Datasheet(PDF) 50 Page - Omron Electronics LLC

Part # E39-R
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R Datasheet(HTML) 50 Page - Omron Electronics LLC

Back Button E39-R Datasheet HTML 46Page - Omron Electronics LLC E39-R Datasheet HTML 47Page - Omron Electronics LLC E39-R Datasheet HTML 48Page - Omron Electronics LLC E39-R Datasheet HTML 49Page - Omron Electronics LLC E39-R Datasheet HTML 50Page - Omron Electronics LLC E39-R Datasheet HTML 51Page - Omron Electronics LLC E39-R Datasheet HTML 52Page - Omron Electronics LLC E39-R Datasheet HTML 53Page - Omron Electronics LLC E39-R Datasheet HTML 54Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 100 page
background image
Special Applications
Special Applications
50
50
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
51
51
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Liquid-level Detection
Liquid-level Detection
E32-L25T 2M (Free Cutting)
51-B
E32-D36T 2M (Free Cutting)
51-C
E32-D82F1 4M (Free Cutting)
51-D
E32-A01 5M (Free Cutting)
51-A
Tube-mounting Examples
Note: Two nylon bands are provided.
Sensing surface
(2 × 11) (PMMA)
20
27
4.2
Optical axis
(Heat-resistant ABS)
*
M3×8
19.9
Emitter
Receiver
Tube holder
(PBT)
* Mount the holder at the appropriate position based on the
actual tube diameter (1/8, 1/4, 3/8 inch).
Two, 2.2 dia.
Model display tube
1.3
14
3
3
Band holes
(45)
5,000
Two, 2.2 dia.
Receiver: Sixteen, 0.265 dia.
Sensing surface
Emitter: Sixteen, 0.265 dia.
2,000
15
13.25
4.4
Eight, R0.5
R10
5
2
4
5
11.4
23.45
5
20.4
Enlarged View of Sensing Surface
(ABS)
Two, Band holes
2,000
7.2
Fiber connector 9 dia.
(Nickel-plated brass)
8 dia.
To the Amplifier Unit
2,000
A
1,500 mm from the tip
B
27
42
* The 2-m section of optical fiber on the Amplifier unit side is plastic and therefore allows free cutting.
Note: The maximum allowable temperature is 200°C for section A and 85°C for
section B.
6 dia. (Fluororesin)
Length of unbendable
section:
150
Two, 2.2 dia. *
6
(PC)
Band hole
15.2
(13)
1.2
2.8
6
10
16
18
2,000
E39-F9: Provided
Two, 1 dia.
Sensing surface Lens two, 3.2 dia. (PC)
Note: Two nylon bands and one anti-reflector are provided.
6 dia.
18
10
16
15
5
23.45
E32-L25T 2M
Detection
scheme
Tube
diameter
Features
Ideal for mounting at
multilevels
• Resistant to bubbles
and droplets
• Residual quantity
detection
• Usable on large
diameter tubes
• Resistant to bubbles
and droplets
Tube-
mounting
Liquid contact
(heat-resistant
up to 200°C)
8 to
10 dia.
No
restrictions
3.2, 6.4
and
9.5 dia.
---
---
R4
R10
Bend-
resistant,
R4
R40
R25
*3
---
---
---
---
Applicable tube: Transparent
tube with a diameter of 8 to 10
dia. and a recommended wall
thickness of 1 mm
Applicable tube: Transparent
tube
(no restrictions on diameter)
Applicable tube: Transparent
tube with a diameter of 3.2, 6.4,
or 9.5 dia. and a recommended
wall thickness of 1 mm
Liquid-contact Type *1
E32-D36T 2M
E32-A01 5M
E32-D82F1 4M
Appearance (mm)
Bending
radius
of cable
Applicable range
Optical axis
diameter
(minimum
sensing object)
Models
51 Page
Dimensions
No.
IP50
IP50
IP67
IP68
51-A
51-B
51-C
51-D
27
19.9
Specifications
Dimensions
Installation Information → 58, 59 Page
Detect the liquid level inside transparent tubes.
Strap the Fiber Unit to a tube with band.
Tube-mounting Types
Detect the liquid level by direct contact with
the liquid.
This model has excellent chemical-resistance
because the Fiber Unit is covered in fluororesin.
Liquid-contact Type
Reflective=
Light incident
Radiation
Air
Liquid
•
Fiber Units for detecting liquid levels are available in two types: for tube
mounting and liquid contact.
If the incident light level is too high, perform power tuning or use the ECO mode to decrease the incident level.
The applicable range is the same whether an E3X-HD series or E3NX-FA series is used.
When using a Fiber Amplifier Unit in giga-power mode, level detection may not work depending on the tube diameter. Make sure to confirm operation with the actual tube.
The bending radius of the sensing section (except for the unbendable section) is 40 mm, and the bending radius of the fiber is 25 mm.
*1
*2
*3
- Reference Information for Model Selection -
Determining the Best Model for Tube-mounted Types
Recommended Unit
Mounting and conditions
Features
When bubbles and the water
droplets are generated
Multilevel installation in limited space
Mounting on large diameter tubes
This is a Through-beam Model, so the incident light will differ greatly between with and without
of liquid.
It also uses an area beam, which is less prone to false detection by bubbles and droplets.
This model has no restrictions on the tube diameter, so it can be mounted on many different
tube sizes.
It also uses an area beam, which is less prone to false detection by bubbles and droplets.
This model is suitable for mounting at multilevels because of the thin type (height: 10 mm).
E32-A01
E32-L25T
E32-D36T
Without liquid
With liquid
Light incident
Light interrupted
Air
Radiation
Reflective=
Light incident
Tube
Liquid
Without liquid
With liquid
Designed for Safe Residual quantity detection (E32-A01 only)
The E32-A01 Fiber Unit is designed to default to the same output
as for liquid absent in the event of a failure, such as when the fiber
breaks. This makes it suitable for residual quantity detection.
If the failure goes unnoticed, this failsafe design will prevent false
detection of liquid when there is no liquid present.
Trouble (disconnection)
With liquid
Without liquid
Light interrupted
Light interrupted
Light incident
And



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com