Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # E39-R
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button E39-R Datasheet HTML 17Page - Omron Electronics LLC E39-R Datasheet HTML 18Page - Omron Electronics LLC E39-R Datasheet HTML 19Page - Omron Electronics LLC E39-R Datasheet HTML 20Page - Omron Electronics LLC E39-R Datasheet HTML 21Page - Omron Electronics LLC E39-R Datasheet HTML 22Page - Omron Electronics LLC E39-R Datasheet HTML 23Page - Omron Electronics LLC E39-R Datasheet HTML 24Page - Omron Electronics LLC E39-R Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
Beam Improvements
Small-Spot, Reflective (Minute Object Detection)
Beam Improvements
Small-Spot, Reflective (Minute Object Detection)
20
20
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
21
21
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Small-spot Lens Unit → 22 Page
Variable-spot, Parallel-light-spot,
Integrated lens → This Page
5.6
Emitter
Receiver
Two,
2.2 dia.
Sensing
surface
(
10×24.5)
Optic
axis
11.5±0.1
Two, M3
Two, 3.2 dia.,
mounting holes
Model display tube
10.9
29
14
11.5
6.9
13.6
25.6
11.6
Sensing head (Polyarylate)
Sensing surface
Two, 9 dia.
lenses.
Mounting hole dimensions
Dimensions
E32-C42 1M
(No Cutting) + E39-F3A
E39-F3A
21-A
E32-C42 1M
(No Cutting) + E39-F17
E39-F17
21-B
E32-C31 2M
(Free Cutting) + E39-F3C
E39-F3C
21-C
E32-C21N 2M
(Free Cutting) + E39-F3C
21-D
E32-C42S 1M
(No Cutting)
21-E
E32-L15 2M
(Free Cutting)
21-F
Reflective Fiber Units
Installation Information → 58, 59 and 61 Page
* Attached with adhesive and cannot be removed.
Note:
There is a white tube on the emitter fiber.
1,000
0 to 9
23
13
6 dia.
2 dia. (SUS303)
2.6 dia.
Two, 1.2 dia.
Fiber Attachment*
Note:
This is the Lens Unit for the E32-C42.
Material:
Aluminum for body and
optical glass for lens.
23
13
3
M2×2 Allen-head set screw
(for securing the fiber)
2.1 dia.
6 dia. 4 dia.
Lens surface
(lens diameter: 3.7 dia.)
* Attached with adhesive and cannot be removed.
Note:
There is a white tube on the emitter fiber.
1,000
22.2
14
9.5 to 14
2.6 dia.
Two, 1.2 dia.
6 dia.
Fiber Attachment*
2 dia. (SUS303)
Material:
Aluminum for body and
optical glass for lens.
6 dia.
5 dia.
Lens surface
(lens diameter: 5.4 dia.)
22.2
7.3
14
Note:
There is a white line on the emitter fiber.
32.5
10.9
5.8
M3×0.5 (SUS303)
Two, 1 dia.
27.5
5 dia.
2,000
E39-F9: Provided
Note:
There is a white line on the emitter fiber.
Material:
Aluminum for body and
optical glass for lens.
Note:
This is the Lens Unit for the
E32-C31 and E32-C31N.
Lens surface
(lens diameter: 3.7 dia.)
M3×0.5
Effective screw
length: 3
10.9
5.8
4.3 dia.
5 dia.
Straight knurling
* Attached with adhesive and cannot be removed.
Note:
There is a white tube on the emitter fiber.
Sensing surface
Lens: 2.4 dia.
Two, 1.2 dia.
1.5 dia.
Brancher
(ABS resin): 3.5 dia.
White marks:
Emitter side
(heat-shrinkable tube)
3 dia.
(Aluminum)
1,000
15
(100)
18
Fiber Attachment*
Note:
There is a white tube on the emitter fiber.
E39-F3A +
E32-C42
16
14
Withdrew length I (mm)
12
10
8
6
4
2
0
4
8
12
16
20
0.08
0.22
: Spot diameter (mm)
0.17
0.10
0.13
l
d
Fiber I: Withdrew length
d: Focal distance
Spot: Small
Focal distance:
Short
Withdrew
length: Long
Withdrew
length: Short
Spot: Large
Focal distance:
Long
0
5
10
15
20
25
30
35
40
0
2
4
6
8
1.6
0.9
0.6
0.3
Withdrew length I (mm)
* Withdrew length: Approx. 1.3 to 5.8 mm
E39-F17 +
E32-C42
Spot: Small
Focal distance:
Short
Withdrew
length: Long
Withdrew
length: Short
Spot: Large
Focal distance:
Long
: Spot diameter (mm)
l
d
Fiber I: Withdrew length
d: Focal distance
•
Small-spot is ideal for detecting minute objects.
Select the Fiber Unit that is best suited for the workpiece size and installation
distance.
(Refer to Reference Information for Model Selection)
•
Available with a variable-spot Lens Unit to change the spot diameter without
replacing the fiber. The spot diameter can be adjusted according to the size of
the workpiece by changing the withdrew length and sensing distance.
Refer to the following graph, which shows the relation between the withdrew
length, focal distance, and spot diameter.
M3×0.5
(Trivalent chrome-plated zinc alloy)
Two, 1.3 dia.
2,000
5 dia.
Fiber Attachment
(E39-F9W13) provided
20
6
10.9 5.8
E32-C42 1M
Variable spot
0.1 to
0.6 dia.
6 to 15
0.3 to
1.6 dia.
10 to 30
R25
E39-F3A
E39-F17
21-A
21-B
Spot
diameter
Center
distance
(mm)
Type
Models
Model
Appearance (mm)
Fiber Unit
Lens Units + Fiber Units
Lens Units
Bending
radius of cable
21 Page
Dimensions
No.
Variable-spot types
Lens Units + Fiber Unit
E32-C31 2M
Parallel light
4 dia.
0 to 20
R25
Flexible, R2
E32-C21N 2M
E39-F3C
21-C
21-D
Spot
diameter
Center
distance
(mm)
Type
Model
Models
Appearance (mm)
Fiber Unit
Lens Units + Fiber Units
Lens Units
Bending
radius of cable
21 Page
Dimensions
No.
Parallel-light-spot types
Lens Units + Fiber Unit
E32-C42S 1M
Short-distance,
Small-spot
Long-distance,
Small-spot
0.1 dia.
5
6 dia.
50
R25
E32-L15 2M
21-E
21-F
Spot
diameter
Center
distance
(mm)
Appearance (mm)
Type
Models
Bending
radius of cable
21 Page
Dimensions
No.
Small-spot types
Integrated Lens
6 dia.
2 dia.
23
6 dia.
2 dia.
22.2
M3
5 dia.
10.9
Lens: unnecessary
3 dia.
18
11.6
25.6
29
Lens: unnecessary
IP50
IP50
* The spot diameter and the center distance are the same when using with E3X-HD series or E3NX-FA series.
M3
5 dia.
10.9
Specifications
- Reference Information for Model Selection -
Reflective Fiber Units
Spot diameter
Center distance
Optical axis diameter
Models
0.1 dia.
5
2.4
0.1 dia.
7
3.7
0.2 dia.
17
4.8
0.5 dia.
7
3.7
0.5 dia.
17
4.8
4 dia.
0 to 20
3.7
6 dia.
50
10
3 dia.
50
9.4
Model Selection Tips
<Map of Spot Diameters and Center Distances>
(Unit: mm)
E32-L15
E39-F3C
+
E32-C31
E32-C21N
E39-F3B
+
E32-C31
E32-C21N
E39-F3A-5
+
E32-C31
E32-C21N
E39-F3B
+
E32-C41
E39-F3A-5
+
E32-C41
E32-C42S
E39-F18
+
E32-CC200
E32-C91N
Center
distance
Spot diameter
Optical
axis
diameter
*
*
*
*
* Refer to page 22 for details.
*
Select the best model by following these steps.
1. Select the model based on the spot diameter
suitable for the workpiece size.
* The Variable-spot Type is useful if there are
different sensing object sizes.
2. Select the model based on the allowable
installation distance and center distance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com