Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R Datasheet(PDF) 43 Page - Omron Electronics LLC

Part # E39-R
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R Datasheet(HTML) 43 Page - Omron Electronics LLC

Back Button E39-R Datasheet HTML 39Page - Omron Electronics LLC E39-R Datasheet HTML 40Page - Omron Electronics LLC E39-R Datasheet HTML 41Page - Omron Electronics LLC E39-R Datasheet HTML 42Page - Omron Electronics LLC E39-R Datasheet HTML 43Page - Omron Electronics LLC E39-R Datasheet HTML 44Page - Omron Electronics LLC E39-R Datasheet HTML 45Page - Omron Electronics LLC E39-R Datasheet HTML 46Page - Omron Electronics LLC E39-R Datasheet HTML 47Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 100 page
background image
Environmental Immunity
Bending-resistant, Disconnection-resistant
Environmental Immunity
Bending-resistant, Disconnection-resistant
42
42
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
43
43
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Through-beam → 40 page
Reflective → This page
E32-D22B 2M
(No Cutting)
E32-D11 2M
(Free Cutting)
43-A
43-E
E32-D21 2M
(Free Cutting)
E32-D25XB 2M
(Free Cutting)
43-B
43-F
E32-D221B 2M
(Free Cutting)
43-C
E32-D21B 2M
(Free Cutting)
E39-F32A 1M/E39-F32C 1M/E39-F32D 1M
43-D
43-G
100
2,000
15
Sensing surface
Four, 0.25 dia.
1 dia.
Brancher (ABS): 3.5 dia.
Fiber Attachment*
* Attached with adhesive and cannot be removed.
1.5 dia. (SUS304)
15
Two 0.25 dia.
emitter fibers
Two, 0.25 dia.
receiver fibers
Enlarged View of Sensing Surface
Sensing surface
Four, 0.25 dia.
Two 0.25 dia.
emitter fibers
Two, 0.25 dia.
receiver fibers
Opposite side 5.5, thickness 1.8 (Nickel-plated brass)
Washer (Nickel-plated brass)
Two, 1 dia.
15
2.5
11
2,000
E39-F9: Provided
Protective tube
M3×0.5
(Nickel-plated brass)
Enlarged View of Sensing Surface
2,000
Two, 1 dia.
E39-F9: Provided
Sensing surface
Two, 0.5 dia.
3 dia. (Nickel-plated brass)
15
Sensing surface
Two, 0.5 dia.
Opposite side 7, thickness 2.4 (Nickel-plated brass)
Washer (Nickel-plated iron)
Two, 1 dia.
3
15
2,000
E39-F9: Provided
M4×0.7 (SUS303)
3.2
C
12
1,000
12
B
End cap (Nickel-plated brass)
Tube D (SUS304)
Head connector (Nickel-plated brass)
A
Models
A
B
C
D
E39-F32A 1M
E39-F32C 1M
E39-F32D 1M
M3×0.5 Depth: 4
M4×0.7 Depth: 4
M6×0.75 Depth: 4
3 dia.
4 dia.
5 dia.
6 dia.
7 dia.
8.5 dia.
(4.6 dia.)
(5.6 dia.)
(7 dia.)
Two, 1 dia.
E39-F9: Provided
Sensing surface
Two, 0.5 dia.
Two, 2.2 dia. mounting holes with
two, 4.4 dia. countersinks on one side
2.5
1.5
5
12
5.5
2,000
(Aluminum)
2
8
Note:
Two, M2×8 stainless steel countersunk mounting screws are provided.
Sensing surface
Two, 1 dia.
Opposite side 10, thickness 2.4 (Nickel-plated brass)
Washer (Nickel-plated iron)
Protective tube
Two, 2.2 dia.
17
15
5.2
2,000
M6×0.75
(Nickel-plated brass)
C
210
60
450
130
1,260
360
360
90
15
1.5 dia.
15
M4
17
M6
M3
11
15
3 dia.
12
2
8
Size
E32-D22B 2M
1.5 dia.
M3
3 dia.
M4
M6
Square
Bendresistant,
R4
(5 μm dia./
2 μm dia.)
E32-D21 2M
90
16
43-A
43-B
E32-D221B 2M
43-C
E32-D21B 2M
43-D
E32-D11 2M
43-E
E32-D25XB 2M
43-F
Appearance (mm)
Bending
radius
of cable
Sensing distance (mm)
Optical axis
diameter
(minimum
sensing
object)
Models
43 Page
Dimensions
No.
ST :
SHS:
210
40
ST :
SHS:
IP67
IP67
IP67
IP67
IP67
IP67
520
100
ST :
SHS:
150
30
ST :
SHS:
140
40
60
16
E3X-HD
ST :
SHS:
140
40
ST :
SHS:
300
90
350
100
ST :
SHS:
840
240
100
30
ST :
SHS:
240
60
E32-D21R 2M/E32-C31 2M/
E32-D21 2M
E32-D11R 2M/E32-CC200 2M/
E32-D11 2M/E32-D51R 2M/
E32-D51 2M
E39-F32A 1M
E32-D211R 2M/E32-D21B 2M
E39-F32C 1M
E39-F32D 1M
1 piece
2 pieces
1 piece
43-G
Applicable Fiber Units
Models
Quantity
43 Page
Dimensions
No.
E3NX-FA
Other modes
HS
GIGA
Other modes
HS
GIGA
Note:
Saddles (two (four for the E39-F32C 1M), trivalent chromate-plated iron)
are provided.
Specifications
Protective Stainless Spiral Tube (Sold separately)
Dimensions
Insert the fiber cable into the protective tube to prevent breaking by snagging or shock.
Reflective Fiber Units
Installation Information → 58, 59 and 61 Page
* This Tube cannot be used if a Lens Unit is being used.
Weight
Degree of bend: ±180°
Bending radius: 4 mm
Weight:
50 g
Bending rate:
30 times/minute
•
Capable of withstanding one million repeated bends.
•
A large number of independent fine fibers
ensures good flexibility. Suitable for use on
moving parts without easily breaking.
•
Protective Stainless Spiral Tube is available for covering the fiber cable
to protect it from accidental breaking due to snagging or shock.
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
The sensing distances for Reflective Fiber Units are for white paper.
Note
1.
2.
Limited-reflective Fiber Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com