Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R Datasheet(PDF) 75 Page - Omron Electronics LLC

Part # E39-R
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R Datasheet(HTML) 75 Page - Omron Electronics LLC

Back Button E39-R Datasheet HTML 71Page - Omron Electronics LLC E39-R Datasheet HTML 72Page - Omron Electronics LLC E39-R Datasheet HTML 73Page - Omron Electronics LLC E39-R Datasheet HTML 74Page - Omron Electronics LLC E39-R Datasheet HTML 75Page - Omron Electronics LLC E39-R Datasheet HTML 76Page - Omron Electronics LLC E39-R Datasheet HTML 77Page - Omron Electronics LLC E39-R Datasheet HTML 78Page - Omron Electronics LLC E39-R Datasheet HTML 79Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 100 page
background image
Fiber Amplifiers, Communications Unit and Accessories
E3NX-FA
Fiber Amplifiers, Communications Unit and Accessories
E3NX-FA
74
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
75
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
74
75
Press
button and then set the
alarm output level with
button.
(0 to 100 P in 1-P increments, default: 50 P)
ON-delay of 300 ms is applied.
Error Output Mode:
An output is made when a DPC error,
EEPROM error, or Load short circuit detection
error occurs.
A
A
Function Setting
Description
Function Setting
Description
Press
button with [husr]
displayed and then set the hysteresis
width with
button.
(0 to 9999)
MODE
UP/DOWN
dflt
1. Function
Selection
A
Function Setting
Description
MODE
B
UP/DOWN
Inverts the display upside down.
The digital display shows the threshold
value in green, and light incident level
in white.
14. Eco
Function
15. Hysteresis
width
16. Using the
External
Input to
Write to
EEPROM
Mounting Ampli er in Inverted
Direction
Changing the Hysteresis Width
Turning ON and OFF Writing to
EEPROM
,ff
,n
13. Inverted
Display
MODE
UP/DOWN
V,
,ff
reV
7. Power
Tuning
ON/OFF
Setting
MODE
UP/DOWN
,n
(5) Reset Incident Light Level to "0"
Changes the incident light level to "0".
The threshould level is also shifted accordingly.
The lower limit of the threshold is −1,999.
• Zero Reset Function
8. Percentage
Tuning
MODE
UP/DOWN
,ff
per
,n
per
Percentage Tuning: The thresholds are set as follows:
High: Incident level from step 3 + Incident level from step 3 × Percentage tuning level
Low: Incident level from step 3 − Incident level from step 3 × Percentage tuning level
(6) Producing an Output When the Incident Level Is
within an Area
• Area Detection Mode
Select [SET Mode] − [OUT1 Mode] −
[Area Detection Mode]. Press
button for
at least 3 seconds to leave the SET mode.
1.
Press
button in [Detection Mode]
to display OUT1 HIGH and OUT 1
LOW. “HIGH” and “LOW” will appear
on the green digital display.
2.
Press
button for the high and low thresholds to execute
smart tuning.
3.
The maximum value
and minimum value
are displayed with
Light-ON and Dark-ON
respectively.
(7) Monitoring the Incident Level for Sensing Objects
Passing at High Speed
• Change Finder
Select [SET Mode]→[Digital Display]
to set [d sp cfdr].
1.
Press
button for 3 seconds or longer to leave the SET mode.
2.
Send a workpiece past the Fiber Unit.
3.
The maximum and minimum incident levels will be displayed
for 0.5 seconds when the workpiece passes.
4.
Passing time and Incident level
Passing time and Incident level
0m
0
500m
63
(8) Determining If the Workpiece Can Be Detected
• SolutionViewer
Press
button and
button
together for 3 seconds or longer to set
[s,lu ,n].
To clear the setting, press
button
and
button together for 3 seconds
or longer to set [s,lu ,ff].
1.
Send a workpiece past the Fiber Unit.
2.
Displaying the Passing Time and Difference in Incident Levels.
3.
Press
button and
button together for 3 seconds or longer
to leave SET mode.
4.
Hi
Lo
ON
OFF
ON
OFF
Light-ON
control output
Dark-ON
control output
,n
hs
t,ff
,ffd
500
stnd
500
4000
shs
125
,ff
10
----
MODE
MODE
MODE
Detection Function ResponseTime Light Level
STND Standard mode
SHS Super-high-
speed mode*
GIGA Giga mode
HS High-speed mode
1ms
30μs
16ms
250 μs
8 times
0.25 times
1 time
1(Standard)
2. Detection
Function
3. DPC
Function
4. Timer
Function
One-shot Timer
Keeps the output
ON for a specified
time regardless of
the workpiece
size variations.
ON/OFF-delay
Timer
Sets both
ON-delay and
OFF-delay
timers.
T
T
T
T
T
T
Off-delay Timer
Holds the output
ON for detection
by PLC when the
detection time is
too short.
On-delay Timer
Delays the
output ON after
detection.
Incident light
No incident light
ON
OFF
ON
OFF
L-ON
D-ON
Incident light
No incident light
ON
OFF
ON
OFF
L-ON
D-ON
Incident light
Incident light
No incident light
ON
OFF
ON
OFF
L-ON
UP/DOWN
UP/DOWN
(Incident Light Level Example)
5. Power
Tuning
Level
Refer to
“Convenient Setting Features”
Smart Tuning is canceled if the
detection mode is changed.
* The communication and mutual
interference prevention functions are
disabled when the detection mode is
set to super-high-speed mode.
The response time for models with 2
outputs is 32 μs
Setting Output Timer
(Settings are displayed for both outputs for models with 2 outputs.)
Changing Light Level and
Response Time
Stable Detection Regardless
of Incident Light Level Change
A Function
Selection:
[dflt]
Function Selection: [,pt]
10
n-d
10
,n-d
9999
p-lV
10
(a)
(b)
(c)
(d)
(a)
,n,f
----
(d)
(b)
(c)
(a)
(b)
(c)
(d)
(a)
(b)
(c)
(d)
Tb
Ta
Tb
No incident light
ON
OFF
ON
OFF
Ta
Setting ON or OFF Incident
Level Adjustment when
Tuning
MODE
UP/DOWN
1
6.BANK
Switching
Saving Settings in Each Bank
BANK1
2
BANK2
3
BANK3
4
BANK4
Power Tuning OFF Setting
Power Tuning
ON Setting
ptun
,ff
ptun
MODE
UP/DOWN
32
hstd
32
ec\
husr
Standard Setting
User Setting
MODE
UP/DOWN
,n
,ff
ON
OFF
37
husr
User Setting
(Displayed for
models with
2 outputs.)
l,ff
Iaser OFF
MODE
UP/DOWN
12.Digital
Display
MODE
UP/DOWN
Changing Digital Display in
RUN Mode for Specic Purpose
Checking a Margin Against Threshold
std
cfdr
bar
p-b
per
9. Output 1
Mode
MODE
UP/DOWN
10.Output 2
Mode
std
,ut
area
,ut
(a)
(b)
(c)
(d)
(e)
( f )
Checking the Light Level of Fast Moving
Workpiece
Thereshold Light level when the
workpiece passes
9999
2000
Changing the Output Mode
for Output 1
Changing the Output Mode
for Output 2
Alarm Output Mode:
Normal Detection
Mode
Area Detection Mode
MODE
UP/DOWN
std
,ut
alrm
,ut
Normal Detection
Mode
Alarm Output Mode
err
,ut
Error Output Mode
11.External Input
MODE
UP/DOWN
,ff
tune
Input-OFF
Tuning
ptun
Power
Tuning
Changing the Type of External Input
First point Second point
Less than
3 seconds
Less than
3 seconds
Less than
3 seconds
─
─
3secondsmin.
Lessthan7seconds
7.0 s or
longer
3 seconds
or longer
The closed-circuit input time for tuning
is the same as the key input time.
Enable/Cancel of Zero reset is the
timing when input is turned off.
0rst
Zero Reset
BANK
Switching
OFF : 1,
ON : 2
bank
The settings thathave been changed
by an external input with [,ff]
will not be overwritten to prevent
EEPROM from reaching its lifespan
(1,000,000 writings).
A
D-ON
L-ON
D-ON
B
Enable
Cancel
2000 9999
Before Passing
2000 1000
Immediately After Passing
Hold
button for 3 seconds or longer to enter SET mode.
MODE
SET mode provides the function settings described
hereafter. The initial display shown after transition from
one function to another represents the factory default.
Changing Functions to Set in
SET mode
[dflt]: Functions 1. to 5. can be set
[,pt]: Functions 1. to 16. can be set.
A timer value can be set after pressing
button when a timer menu (other
display than “----”) is displayed.
Use
button to set the time.
(1 to 9999 ms in 1 ms steps; the
initial value: 10 ms)
Use
button to set the power
tuning level.
[100 to 9999 in 1 steps; the initial
value: 9999]
MODE
UP/DOWN
UP/DOWN
Refer to
“Convenient Setting Features”
Changing the Target Incident
Light Level (Power Tuning Level)
Press
button in [per ,n] menu,
then use
button to set the
percentage tuning level.
(−99% to 99% in 1% steps; the initial
value: −10%)
Refer to “Smart Tuning”
Detecting Transparent or
Small Workpiece
MODE
UP/DOWN
2-point Tuning
Maximum
Sensitivity Tuning
Full Auto Tuning
─
25 ms min.
Power/
percentage
tuning
Position Tuning
Enable
Cancel
Less than
3 seconds
3 seconds
min.
Zero reset
The ratio of the incident
light level to the threshold
is displayed in white
digital figures.
Threshold Light Level
Ratio
2000
150p
(a)
Setting Threshold using a Small or
Fast Moving Workpiece
Peak Light
Level
Bottom
Light Level
8000 2000
(b)
Holds and displays the
minimum value of the
peak of the light incident
and the maximum value
of the bottom of the light
interruption.
Setting for Intuitive Analog Display
Threshold
120% 100% 80%
(c)
Displays the current
level in the 80 to 120%
range against the
threshold value (100%).
Adjusting Optical Axis
Peak Light
Level
Light Level
3000
3500
(d)
Holds the peak incident
light level and displays
it in green digital figures.
Checking the Channel No. in Group Mounting
Ch. No. Light Level
3000
Light level when the
workpiece passes is
displayed in white digital
figures for 0.5 seconds.
Checking the Channel
No. in Group Mounting.
ECo on
Indicators (Green and White digital
displays) turn OFF in approx. 10
seconds after a key operation.
ECo Lo
Indicators (Green and White digital
displays) turn ON with low brightness
in approx. 10 seconds after a key
operation.
Saving Power Consumption
The hysteresis width is set to a default value.
The hysteresis width is set so that the
judgement output is stable near the threshold
value.
( f )
(e)
func
ec\
l,
ec\
sh\t
The incident light level in SET mode
is a reference value.
It may be changed when switched
to detection mode.
Be sure to check the stability of
outputs as there is a possibility of
chattering.
0
2000
Hold both for
3 sec. or longer
6000 4000
Hold both for
3 sec. or longer
Convenient Setting Features
The OUT selection
indicators shows items for
output 1 or output 2
individually for each output.
Detailed Settings
Incident level
threshold
Passing time(ms or μs)
func



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com