Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R Datasheet(PDF) 72 Page - Omron Electronics LLC

Part # E39-R
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R Datasheet(HTML) 72 Page - Omron Electronics LLC

Back Button E39-R Datasheet HTML 68Page - Omron Electronics LLC E39-R Datasheet HTML 69Page - Omron Electronics LLC E39-R Datasheet HTML 70Page - Omron Electronics LLC E39-R Datasheet HTML 71Page - Omron Electronics LLC E39-R Datasheet HTML 72Page - Omron Electronics LLC E39-R Datasheet HTML 73Page - Omron Electronics LLC E39-R Datasheet HTML 74Page - Omron Electronics LLC E39-R Datasheet HTML 75Page - Omron Electronics LLC E39-R Datasheet HTML 76Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 100 page
background image
Fiber Amplifiers, Communications Unit and Accessories
E3NX-FA
Fiber Amplifiers, Communications Unit and Accessories
E3NX-FA
72
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
73
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
72
73
Incident light level setting: The Step 3 incident level is adjusted to half the power tuning level.
Threshold setting: Set to the same value as the Step 3 incident level.
(4) Determine Workpiece Position
• Position Tuning
Press
button without a workpiece in the area.
2.
Place the workpiece at the desired position and hold
button.
3.
The green digital display changes [2pnt]→[p,s].
• Percentage Tuning
• Smart Tuning Error
Incident light level setting:
The Step 2 incident light level is adjusted to the power tuning level.
Threshold setting:
Set to the value obtained by [Incident Level at Step 2 × (1 + Percentage Tuning Level)].
(5) Detect Transparent or Small Workpiece
(Set Threshold by incident light level percentage)
1. Turn ON Percentage Tuning in SET mode.
Error / Display / Cause
Remedy
Error Origin Tuning Type
2-point Tuning
Full Auto Tuning
All
Tuning other than
Maximum
Sensitivity Tuning
• Change the detection function mode
to a slower response time mode.
• Reduce the distance between the
emitter and receiver. (Through-beam)
• Place the Fiber Head closer to the
sensing object. (Reflective)
• Use a thin-diameter fiber.
• Widen the emitter and receiver
distance. (Through-beam)
• Distance the Fiber Head from the
sensing object. (Reflective)
• Reduce the distance between the
emitter and receiver. (Through-beam)
• Place the Fiber Head closer to the
sensing object. (Reflective)
The light level difference
between Points 1 and 2
are extremely small.
Incident light level is
too high.
Incident light level is
too low.
Near Error
Over Error
Low Error
No Smart Tuning other than Power Tuning can be used if
Percentage Tuning is set.
Refer to " Detailed Settings " to change the power tuning level.
Turn ON power tuning in SET mode.
Press
button without a workpiece in the area.
2.
Nomenclature
9999
p,5
1500
per
Operating Procedures
(1) Detect for Workpiece Presence/Absence
(2) Enhance Durability of the Fiber Head against Dust and Dirt
• 2-point Tuning
1.
Press
button with a workpiece in the detection area.
1.
• Maximum Sensitivity Tuning
Hold
button for 3 seconds or longer with/without workpiece
as shown below.
Release the button when [ full] is displayed.
Incident light level setting:
The incident level in Step 1 is adjusted to "0".
Threshold setting:
The value is set to approx. 7% of the incident light level of 1.
Incident light level setting: Adjust the max. incident light level on Step 1 as the power tuning level.
Threshold setting: Set to the middle between max. and min. incident light levels on Step 1.
1.
(3) Adjust for Moving Workpiece without Stopping Line
• Full Auto Tuning
Hold the button without the presence of a workpiece, and pass
the workpiece through while [1pnt]→[ full]→[aut,] is
displayed in green digital.
(Keep holding the button while the workpiece
passes through, and hold 7 seconds or longer
until [aut,] is displayed in green digital. After
the workpiece passes through, release your
finger from the
button.)
1.
Press button again without a workpiece in the detection area.
Release the button when [2pnt] is displayed.
Incident light level setting:
The larger incident level of the Step 1 and 2 values is adjusted to the
power tuning level.
Threshold setting:
Set to the middle between the Step 1 and 2 incident light levels.
2.
Through-beam: Workpiece is present
Reflective: Workpiece is absent
The green digital display changes [1pnt]→[full]
Release the button when [ full] is displayed.
Workpiece
Workpiece
Basic Settings
Workpiece
Setting is Completed
Setting is Completed
Setting is Completed
Step 1 and Step 2 can be reversed.
Hold for 3 seconds or longer
Output switching
Smart Tuning [Easy Sensitivity Setting]
However, the Sensor becomes more susceptible to the influence of background objects.
1500
0
full
2500
2pnt
aut,
(6) Restore from the Incident Level Changed due to Dust and Dirt
• Power Tuning
Hold and
buttons for 1 second or longer without a workpiece
in the area.
1.
Incident light level setting: The Step 1 incident level is adjusted to the power tuning level.
Threshold setting: Not changed.
Perform the procedure with a workpiece in the area for reflective model setting.
If the setting is made after position tuning, set both the
through-beam model and reflective model with a workpiece.
Refer to " • Smart Tuning Error " for error displays.
1500
ptun
l\c
l\c
[L/D Indicator]
Indicates the setting status:
Light-ON (L) or Dark-ON (D).
[DPC Indicator]
Turns ON when Dynamic Power Control is
effective.
[ L/D Button]
Use to switch between Light-ON (L) and Dark-ON (D).
[ L/D Button]
Use to switch between Light-ON (L) and Dark-ON (D).
[OUT Indicator]
Turns ON when the output is ON.
[ST Indicator]
Turns ON when Smart Tuning is in progress.
Threshold Level
Green digital
display
Threshold Level
Green digital
display
Incident Level
White digital
display
Incident Level
White digital
display
[+–UP/DOWN Button]
Used to fine-tune the threshold or change set values.
[ MODE Button]
Use to switch between Detection Mode and Setting Mode.
[ MODE Button]
Use to switch between Detection Mode and Setting Mode,
and use to switch between OUT1 and OUT2.
Executes Smart Tuning.
[ TUNE Button]
Executes Smart Tuning.
[ TUNE Button]
[L/D Indicator]
Indicates the setting status:
Light-ON (L) or Dark-ON (D).
[DPC Indicator]
Turns ON when Dynamic Power Control is
effective.
[OUT1 Indicator/OUT2 Indicator]
Turns ON when OUT1 or OUT2 is ON.
[OUT1 Selection Indicator/OUT2 Selection Indicator]
The indicator for the selected output channel is lit.
[ST Indicator]
Turns ON when Smart Tuning is in progress.
[+–UP/DOWN Button]
Used to fine-tune the threshold or change set values.
E3NX-FA11/FA41/FA6/FA8/FA7/FA9/FA24/FA54
E3NX-FA21/FA51/FA7TW/FA9TW/FA54TW/FA0
Basic Settings
TUNE
TUNE
Refer to
“Detailed Settings”
Refer to
“Detailed Settings”
Hold for 3 seconds or longer
Setting is Completed
Setting is Completed
Setting is Completed
(2) Reset Settings
• Setting Reset
Hold
button and then hold
button for 3 seconds or longer.
1.
2.
(1) Stable Detection Regardless of Incident Level Change due to Dust and Dirt
• DPC Function (Use of the function with Through-beam
model or Retro-reflective model is recommended)
Perform Smart Tuning.
1.
Set the DPC function ON in SET
mode.
2.
Initializes all the settings by returning them to the factory defaults.
Minute Adjustment of Threshold Level
Press
button to adjust the threshold level.
1.
Hold the key for high-speed level adjustment.
The threshold level becomes higher.
The threshold level becomes lower.
Channel switching
Models with 2 Outputs: E3NX-FA21,E3NX-FA51,E3NX-FA7TW, E3NX-FA9TW
and E3NX-FA54TW
The OUT selection indicators and the settings will change.
Press
button for 1 second.
The OUT selection indicators (OUT1/OUT2) switch.
1.
2.
OUT selection indicator (OUT1)
[Output 1]
OUT selection indicator (OUT2)
Press the MODE button for
1 second in detection mode.
[Output 2]
In the detailed settings, the OUT selection indicators will each light
whenever the output (OUT1/OUT2) is set.
(3) Save or Read Settings
1.
Refer to "Smart Tuning"
Refer to "Power Tuning"
Refer to “Detailed Settings” .
Incident
Light
Level
Threshold
Level
Stabilizes the displayed incident
level by correcting internal
incident level changes.
Time
Displayed incident Light Level
The displayed incident
level decreases and the
DPC indicator starts
blinking when incident
level correction is not
possible.
rst
Hold both for 3 sec.
or longer
The DPC indicator
turns ON when the
DPC function is effective.
Convenient Setting Features
(4) Prevent Mistake-operation
• Key Lock Function
Hold both for 3 sec.
or longer
* Press either of UP/DOWN.
3.
Internal
Incident
Light Level
MODE
UP/DOWN
MODE
UP/DOWN
Select [rst
] in
and press
button.
Select [rst] in
and press
button.
Hold
button and then hold
button for 3 seconds or longer.
L/D
TUNE
Saves the current settings.
Reads out the saved settings.
Select [save] in
and
press
button.
2.
UP/DOWN
MODE
Select [rst] in
and
press
button.
2.
UP/DOWN
MODE
Select [save yes] in
and press
button.
3.
UP/DOWN
MODE
Select [rst user] in
and press
button.
3.
UP/DOWN
MODE
• User Save Function
• User Reset Function
Disables all button operations. [
] is displayed when the
button is pressed.
Enable/Cancel
(This procedure)
Hold both for 1 sec.
or longer
Hold for 1 sec. or longer
Workpiecet
Hold for 7 seconds or longer
9999
1pnt
9999
1pnt
1.
Press
button.
Through-beam:
Set to “Dark ON" to turn the output ON
with a workpiece in the detection area.
[L/D Indicator] turns
ON.
Reflective:
Set to “Light ON" to turn the output ON
with a workpiece in the detection area.
[L/D Indicator] turns
ON.
L/D
D
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com