Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R Datasheet(PDF) 53 Page - Omron Electronics LLC

Part # E39-R
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R Datasheet(HTML) 53 Page - Omron Electronics LLC

Back Button E39-R Datasheet HTML 49Page - Omron Electronics LLC E39-R Datasheet HTML 50Page - Omron Electronics LLC E39-R Datasheet HTML 51Page - Omron Electronics LLC E39-R Datasheet HTML 52Page - Omron Electronics LLC E39-R Datasheet HTML 53Page - Omron Electronics LLC E39-R Datasheet HTML 54Page - Omron Electronics LLC E39-R Datasheet HTML 55Page - Omron Electronics LLC E39-R Datasheet HTML 56Page - Omron Electronics LLC E39-R Datasheet HTML 57Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 100 page
background image
Special Applications
Special Applications
52
52
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
53
53
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Vacuum-resistant
Vacuum-resistant
E32-T51V 1M (No Cutting)
53-A
E32-T51V 1M (No Cutting) + E39-F1V
E39-F1V
53-B
E32-T10V 2M (Free Cutting)
53-D
E32-VF4
53-E
E32-VF1
53-F
E32-T84SV 1M (No Cutting)
53-C
36 dia.
49
70 dia.
44 dia.
45°
90 dia.
80
80
Four,
10 dia.
24
Flange
V40 O-ring
Flange
8
Note 1. Mount the Flange so that the V40 O-ring is on the atmospheric-pressure
side of the vacuum chamber wall.
2. Mounting-hole dimensions: 38 dia. ±0.5 mm
3. The maximum tightening torque is 9.8 N·m.
4. A V40 O-ring is provided.
2.2 dia.
2,000
Sensing surface: 2 dia.
12
R5
3 dia.
3.5 dia.
90°
Flexible tube:
(Stainless steel) 2.9 dia.
4 dia.
4 dia. 2.2 dia.
Connected to flange
(vacuum side)
max.30
12
1,000
26
6
14.2
3 dia.
(SUS304)
8.9
0.5 dia. hole
6
M2.6×0.45
Effective depth: 3.8
countersinking depth: 0.9
4 dia.
(35.9)
1,000
8.9
M4×0.7
25.9
4 dia.
3 dia.
3
M2.6×0.45
4 dia.
3 dia.
4 dia.
Connected to flange
(vacuum side)
2.2 dia.
20
(30)
1,000
26
M4×0.7
(Aluminum)
Sensing surface
1.15 dia.
Opposite side 8 (SUS304)
Washer (SUS304)
(96)
(63)
10
(23)
22
5
19
6 (33.53)
30
20 dia.
22
One nut
M14×2
Two, connectors
One spring washer
V15 O-ring
Note 1. Mount the Flange so that the V15 O-ring is on the atmospheric-pressure
side of the vacuum chamber wall.
2. Mounting-hole dimensions: 14.5 dia. ±0.2 mm
3. The maximum tightening torque is 14.7 N·m for the clamp nut and 1.5 N·m
for the connector.
4. A V15 O-ring, nut, spring washer, two connectors, and four O-rings for
the fibers are provided.
1,760
640
720
260
2,000*
*
1,360
2,000*
960
1,080
390
2,000*
2,000*
E32-T51V 1M
Type
Heat-
resistant
temperature
Vacuum
side
Atmospheric
pressure
side
120℃
200℃
70℃
R30
R25
1.2 dia.
(10 μm dia./
4 μm dia.)
4 dia.
(0.1 dia./
0.03 dia.)
2 dia.
(0.1 dia./
0.03 dia.)
E32-T51V 1M
+
E39-F1V
600
100
53-A
53-B
E32-T84SV 1M
53-C
E32-T10V 2M
53-D
Appearance (mm)
Bending
radius
of cable
Sensing distance (mm)
Optical axis
diameter
(minimum
sensing
object)
Models
53 Page
Dimensions
No.
ST :
SHS:
2,000
520
ST :
SHS:
1,420
260
ST :
SHS:
400
100
E3X-HD
ST :
SHS:
2,000
520
ST :
SHS:
950
260
ST :
SHS:
−
−
ST :
SHS:
−
−
ST :
SHS:
M4
30
35.9
4 dia.
30
3 dia.
4-channel flange
1-channel flange
E32-VF4
53-E
E32-VF1
53-F
Appearance
Type
Models
53 Page
Dimensions
No.
E3NX-FA
Other modes
HS
GIGA
Other modes
HS
GIGA
Specifications
Dimensions
Through-beam Fiber Units
Flange
Through-beam Fiber Units (Set of 2)
Installation Information → 60, 61 Page
What Is a Vacuum-resistant Fiber Unit?
Glass Stainles steel
Fluoro-resin
No outgassing
• The Flange is designed to create an air-tight seal on the vacuum side.
• The fibers and Flange on the vacuum side are made of non-outgassing materials.
These parts are inspected, cleaned, and sealed in an air-tight package in a clean room prior to shipment.
Fiber Units on atmospheric pressure side
Fiber Amplifier unit
Fiber Units on vacuum side Flange
(Lens Units) Vacuum chamber
Atmospheric pressure side
Vacuum side
Configuration Example for using under vacuum
•
Can be used under high vacuums of up to 10-5 Pa.
•
Available in models with heat resistant up to 120 or 200°C.
* The optical fiber is 2 m long on each side, so the sensing distance is 4,000 mm.
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
Note 1.
2.
- Reference Information for Model Selection -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com