Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8229 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 3Page - STMicroelectronics L8229 Datasheet HTML 4Page - STMicroelectronics L8229 Datasheet HTML 5Page - STMicroelectronics L8229 Datasheet HTML 6Page - STMicroelectronics L8229 Datasheet HTML 7Page - STMicroelectronics L8229 Datasheet HTML 8Page - STMicroelectronics L8229 Datasheet HTML 9Page - STMicroelectronics L8229 Datasheet HTML 10Page - STMicroelectronics L8229 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L8229
Pin description
7/42
2
Pin description
Figure 2.
Pin Connection (Top view)
Note:
The pin functionality is different according to different configurations, so the relative pin
function and name are different: the first name is relative to first configuration (L6219_HI),
the second name is relative to second configuration (L6219_8), and the third name is
relative to third and fourth configuration (L8229_0 and L8229_1).
OUT1A
OUT2A
SENSE2
COMPIN2
OUT2B
GND
PROG1
IO2/STB/SCLK
I12 /I12/SDI
PHASE2 /PHASE2/nCS
VREF2/VREFDEC/VREF2
RC2/RC2/FAULT
VS (Load Supply)
SENSE1
COMPIN1
OUT1B
I01/I01/PWM1
GND
PROG2
I11/I11/PWM2
PHASE1/PHASE1 /OSC
VREF1/VREFCOM/VREF1
RC1/RC1/nRESET
VCC (Logic Supply)
1
2
3
4
5
6
7
8
9
10
11
12
24
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
23
15
14
13
OUT1A
OUT2A
SENSE2
COMPIN2
OUT2B
GND
PROG1
IO2/STB/SCLK
I12 /I12/SDI
PHASE2 /PHASE2/nCS
VREF2/VREFDEC/VREF2
RC2/RC2/FAULT
VS (Load Supply)
SENSE1
COMPIN1
OUT1B
I01/I01/PWM1
GND
PROG2
I11/I11/PWM2
PHASE1/PHASE1 /OSC
VREF1/VREFCOM/VREF1
RC1/RC1/nRESET
VCC (Logic Supply)
1
2
3
4
5
6
7
8
9
10
11
12
24
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
23
15
14
13
Table 1.
Pin Description
Pin N#
L6219_HI
(Pin7&18=00)
L6219_8
(Pin7&18=01)
L8229_x
(Pin7&18=10
or 11)
Function
1
OUT1A
Motor Driver Bridge 1 Output A.
2
OUT2A
Motor Driver Bridge 2 Output A.
3
SENSE2
Motor Driver Bridge 2 Sense Resistor.
4
COMPIN2
Current Comparator input for Bridge2.
5
OUT2B
Motor Driver Bridge 2 Output B.
6
GND
Ground.
7PROG1
Configuration Program pin. When used together with pin
18, it programs device into one of the four configurations
(see following Programmable Modes table)
8
IO2
STB
SCLK
I02: Current level control bit for Bridge 2.
STB: Strobe input pin for current setting.
SCLK: Clock input pin for serial protocol.
9I12
I12
SDI
I12: Current level control bit for Bridge 2.
SDI: Data input pin for serial protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com