Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8229 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 8Page - STMicroelectronics L8229 Datasheet HTML 9Page - STMicroelectronics L8229 Datasheet HTML 10Page - STMicroelectronics L8229 Datasheet HTML 11Page - STMicroelectronics L8229 Datasheet HTML 12Page - STMicroelectronics L8229 Datasheet HTML 13Page - STMicroelectronics L8229 Datasheet HTML 14Page - STMicroelectronics L8229 Datasheet HTML 15Page - STMicroelectronics L8229 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical Characteristics
L8229
12/42
3.3.2
Control Logic pins
3.3.3
Analog Input Pins
3.3.4
General
Table 6.
Control Logic pins
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIN (H)
Input Voltage
All logic input for
Vcc = 3.3V or 5V.
2V
VIN (L)
Input Voltage
All logic input for
Vcc = 3.3V or 5V.
0.8
V
IIN (H)
Input Current
VIN = 2.0V
-20
20
µA
IIN (L)
Input Current
VIN = 0.8V
-20
20
µA
Isdi
SDI Input Current
-200
50
µA
Table 7.
Analog Input Pins
Symbol
Description
Condition
Min.
Typ.
Max.
Unit
Vref
Vref Input Voltage
1.5
7.5
V
IVref
Vref Input Current
Vref = 5.0V
200
µA
Vcompin
Vcompin Input Voltage
0.75
V
Icompin
Vcompin Input Current
1
20
µA
Vsense
Vsense Input Voltage
0.75
V
Isense
Vsense Output Current
50
100
µA
Table 8.
General
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vsc_off
Sense comparator offset
±10
mV
Vs_UV
Vs undervoltage threshold
7.5
V
Vs_UVhys
Vs undervoltage hysteresis
300
mV
Vcc_UV
Vcc undervoltage threshold
2.9
V
Vcc_UVhys
Vcc undervoltage hysteresis
150
mV
Tj(shutdown)
Thermal shutdown junction
temperature
160
°C
Tj(enable_
hysteresis)
Thermal enable junction temperature
hysteresis
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com