Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8229 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 25Page - STMicroelectronics L8229 Datasheet HTML 26Page - STMicroelectronics L8229 Datasheet HTML 27Page - STMicroelectronics L8229 Datasheet HTML 28Page - STMicroelectronics L8229 Datasheet HTML 29Page - STMicroelectronics L8229 Datasheet HTML 30Page - STMicroelectronics L8229 Datasheet HTML 31Page - STMicroelectronics L8229 Datasheet HTML 32Page - STMicroelectronics L8229 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L8229
SPI programming
29/42
The direction of current is determined by W0 bits 8 and 14. During Ton, outputs will be
according to following table:
The 5 bit DACs for each Bridge enable an accurate resolution control defined by Current
levels table below. The current level Iset is then defined as:
Iset = Vdac / (Range x Rsense)
where:
Vdac = (DAC/31) x Vref
where DAC is defined from 0 to 31, so the current level is fixed by W0 bits 7 (MSB) to 3
(LSB) (13 to 9) as in following table.
Table 26.
Range mode selected by W2
Bit 6
Mode
0
Range = 10
1
Range = 5
Table 27.
Current direction selected by W0
Bit 8 (14)
OUT A
OUT B
0L
H
1H
L
Table 28.
Current levels selected by W0 for DAC
Bit 7 (13)
Bit 6 (12)
Bit 5 (11)
Bit 4 (10)
Bit 3 (9)
IPH_A (B)/Imax
00
0
0
0
0
00
0
0
1
1/31
00
0
1
0
2/31
00
0
1
1
3/31
00
1
0
0
4/31
00
1
0
1
5/31
00
1
1
0
6/31
00
1
1
1
7/31
01
0
0
0
8/31
01
0
0
1
9/31
0
1
0
1
0
10/31
0
1
0
1
1
11/31
0
1
1
0
0
12/31
0
1
1
0
1
13/31
0
1
1
1
0
14/31
0
1
1
1
1
15/31
1
0
0
0
0
16/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com