Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8229 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 12Page - STMicroelectronics L8229 Datasheet HTML 13Page - STMicroelectronics L8229 Datasheet HTML 14Page - STMicroelectronics L8229 Datasheet HTML 15Page - STMicroelectronics L8229 Datasheet HTML 16Page - STMicroelectronics L8229 Datasheet HTML 17Page - STMicroelectronics L8229 Datasheet HTML 18Page - STMicroelectronics L8229 Datasheet HTML 19Page - STMicroelectronics L8229 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L6219_HI mode
L8229
16/42
Note that Iout max is 1.2A and the wide range allowed for Vref requires the choice of a
suitable sense resistor to prevent current range over the maximum.
6.4
Single-pulse Generator
The pulse generator is a monostable circuit triggered on the positive going edge of the
comparator output. The circuit output is high during the pulse time Toff that is determined by
the time components Rt and Ct.
Toff =~ 1.1 x RtCt
(including switching dead time)
The single pulse turns off the power switch connected to the motor winding, causing the
winding current to decrease during Toff. If a new trigger signal should occur during Toff it will
be ignored.
6.5
Output Stage
Each of the two outputs stage contains four LDMOS transistors (P and N channel)
connected in two H Bridges. The intrinsic body diode of the LDMOS serve as recirculation
diode for flyback current.
The LDMOS are used to switch the power supply to the motor winding, thus driving a
constant current through the winding. It should be noted however, that is not permitted to
short-circuit the outputs. Internal circuitry is added in order to increase the accuracy of the
motor current particularly with low current levels.
6.6
Vs, Vcc, Vref
The circuit will stand any order of turn-on or turn-off of the supply voltages Vs and Vcc.
Normal dV/dt values are then assumed.
Preferably, Vref should be tracking Vcc during power-on and power-off if Vs is established.
Figure 3.
Ton and Toff
Normalized
output current
Ton
Toff
Tdelay
VSense
Vref
VRC
0.5
0
1.0
Normalized
output current
Ton
Toff
Tdelay
VSense
Vref
VRC
0.5
0
1.0
Ton
Toff
Tdelay
VSense
Vref
VRC
0.5
0
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com