Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8229 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 20Page - STMicroelectronics L8229 Datasheet HTML 21Page - STMicroelectronics L8229 Datasheet HTML 22Page - STMicroelectronics L8229 Datasheet HTML 23Page - STMicroelectronics L8229 Datasheet HTML 24Page - STMicroelectronics L8229 Datasheet HTML 25Page - STMicroelectronics L8229 Datasheet HTML 26Page - STMicroelectronics L8229 Datasheet HTML 27Page - STMicroelectronics L8229 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L8229_0 and L8229_1 modes
L8229
24/42
8.2
SPI Bit definition
8.2.1
Word Description
Each of the 3 words used to program the chip when in L8229_0 or L8229_1 mode has the 3
LSB used to address the word as follows:
8.2.2
W0 (OPERATIVE: Bit 2=0, Bit 1=0)
This word is mainly used to fix the current level and direction in the bridge.
Table 18.
Word Description
BIT #
NAME
Value
DESCRIPTION
0
CHIP ADDRESS
0
This value addresses the word to chip #0 (if two L8229 are
present on the same board and a single nCS line is used).
Chip address is assigned by configuring the PROG bit
according to Table 2.
1
This value addresses the word to chip #1 (if two L8229 are
present on the same board and a single nCS line is used).
Chip address is assigned by configuring the PROG bit
according to Table 2.
1 and 2
WORD ADDRESS 1,
WORD ADDRESS 2
Bit 2
Bit 1
0
0
W0: OPERATIVE register
0
1
W1: PARAMETERS register
1
0
W2 : FUNCTIONAL register
1
1
Not allowed
Table 19.
W0
BIT #
NAME
RESET
VALUE
DESCRIPTION
0
CHIP ADDRESS
0
This bit is used to select if the informations provided by bits 1 to 15 are
referred to chip 0 or chip 1. This is useful in the case that two L8229 are
present on the same board and a single nCS line is used.
1
WORD ADDRESS 1
0
This is the LSB of the two bits used to address the word
2
WORD ADDRESS 2
0
This is the MSB of the two bits used to address the word
3
DAC1 BIT 1 (LSB)
0
LSB for DAC intended to regulate the current of Bridge 1
4
DAC1 BIT 2
0
BIT2 for DAC intended to regulate the current of Bridge 1
5
DAC1 BIT 3
0
BIT3 for DAC intended to regulate the current of Bridge 1
6
DAC1 BIT 4
0
BIT4 for DAC intended to regulate the current of Bridge 1
7
DAC1 BIT 5 (MSB)
0
MSB for DAC intended to regulate the current of Bridge 1
8
PHASE 1
0
Controls the direction of current flow for Bridge1.
A logic 0 level causes current flow from A (source) to B (sink).
9
DAC2 BIT1 (LSB)
0
LSB for DAC intended to regulate the current of Bridge 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com