Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8229 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 22Page - STMicroelectronics L8229 Datasheet HTML 23Page - STMicroelectronics L8229 Datasheet HTML 24Page - STMicroelectronics L8229 Datasheet HTML 25Page - STMicroelectronics L8229 Datasheet HTML 26Page - STMicroelectronics L8229 Datasheet HTML 27Page - STMicroelectronics L8229 Datasheet HTML 28Page - STMicroelectronics L8229 Datasheet HTML 29Page - STMicroelectronics L8229 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L8229_0 and L8229_1 modes
L8229
26/42
8.4
W2 (FUNCTIONAL: Bit 2=1, Bit 1=0)
This word is mainly used to set the functional mode
Table 21.
W2
BIT #
NAME
RESET
VALUE
DESCRIPTION
0
CHIP ADDRESS
0
This bit is used to select if the informations provided by bits 1 to 15 are
referred to chip 0 or chip 1. This is useful in the case that two L8229 are
present on the same board and a single nCS line is used.
1
WORD ADDRESS 1
0
This is the LSB of the two bits used to address the word.
2
WORD ADDRESS 2
0
This is the MSB of the two bits used to address the word.
3
MIX/SLOW 1 (St. mot)
0
This bit is to decide if Slow or Mixed Decay is applied to Bridge 1
(Stepping motor).
4
MIX/SLOW 2 (St. mot)
0
This bit is to decide if Slow or Mixed Decay is applied to Bridge 2
(Stepping motor).
5
REFERENCE INT/EXT
0
This bit is used to decide if the reference voltage will be internal (0) or
external (1)
6RANGE
0
This bit is to decide if the reference voltage will be divided by 10 (0) or
by 5 (1).
7
BLANK LSB
0
This is the LSB bit used to fix the Blanking time (see following
Table 30).
8BLANK MSB
0
This is the MSB bit used to fix the Blanking time (see following
Table 30).
9OSC LSB
0
This is the LSB bit used to fix the Oscillator values (see following
Table 29).
10
OSC MSB
0
This is the MSB bit used to fix the Oscillator values (see following
Table 29).
11
TEST 1
0
This bit is used for trim mode.
12
TEST 2
0
This bit is used for trim mode.
13
TEST 3
0
This bit is used for trim mode.
14
STEP/DC
0
This bit is used to set the drive of a Stepping Motor (0) or a DC Motor
(1).
15
SLOW/FAST (DC mot)
0
This bit is used to decide if Slow (0) or Fast (1) decay is applied to DC
Motor configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com