Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8229 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 10Page - STMicroelectronics L8229 Datasheet HTML 11Page - STMicroelectronics L8229 Datasheet HTML 12Page - STMicroelectronics L8229 Datasheet HTML 13Page - STMicroelectronics L8229 Datasheet HTML 14Page - STMicroelectronics L8229 Datasheet HTML 15Page - STMicroelectronics L8229 Datasheet HTML 16Page - STMicroelectronics L8229 Datasheet HTML 17Page - STMicroelectronics L8229 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L6219_HI and L6219_8 Electrical characteristics
L8229
14/42
5
L6219_HI and L6219_8 Electrical characteristics
(0°C
≤ T
j ≤ 125°C, VS = 32 V, unless otherwise specified)
5.1
DC specifications
5.2
AC/transient specifications
Table 9.
DC specifications
Symbol
Description
Condition
Min
Typ
Max
Unit
Vref/Vsense
Current Limit Threshold (at trip
point ) for Vref = 5V and Tj ≤ 70°C
I0
≤ 0.8V, I1 ≤ 0.8V
9.25
10
10.5
I0
≥ 2.0V, I1 ≤ 0.8V
13.5
15
16.5
I0
≤ 0.8V, I1 ≥ 2.0V
25.5
30
34.5
Table 10.
AC/transient specifications
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Toff
Cut off time
Rt=56Kohm, Ct =820pF
50
µA
Tdelay
Turn Off Delay for comparator
1
µA
Tblank
Blanking time for Sense
comparator
1µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com