Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8229 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 4Page - STMicroelectronics L8229 Datasheet HTML 5Page - STMicroelectronics L8229 Datasheet HTML 6Page - STMicroelectronics L8229 Datasheet HTML 7Page - STMicroelectronics L8229 Datasheet HTML 8Page - STMicroelectronics L8229 Datasheet HTML 9Page - STMicroelectronics L8229 Datasheet HTML 10Page - STMicroelectronics L8229 Datasheet HTML 11Page - STMicroelectronics L8229 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Pin description
L8229
8/42
Note:
ESD on pin PROG1 vs. VS is guaranteed up to +2KV/-1.75KV (Human Body Model,
1500Ohm, 100pF)
10
PHASE2
PHASE2
nCS
PHASE2: Direction input control pin for Bridge 2.
nCS: Chip Select input pin for serial protocol.
11
VREF2
VREFDEC
VREF2
VREF2: Reference voltage input for Bridge 2.
VREFDEC: Mixed Decay Reference voltage for both
Bridges 1 and 2.
12
RC2
RC2
FAULT
RC2: Toff input pin for Bridge 2.
FAULT: This pin is high when a generic fault is present.
13
VCC
Logic and Low voltage analog Supply.
14
RC1
RC1
nRESET
RC1: Toff input pin for Bridge 1.
nRESET: Input pin for reset of serial port.
15
VREF1
VREFCOM
VREF1
VREF1: Reference voltage input for Bridge 1.
VREFCOM: Common Reference voltage input for both
Bridges 1 and 2.
16
PHASE1
PHASE1
OSC
PHASE1: Direction input control pin for Bridge 1.
OSC: Input for external oscillator used for timings.
17
I11
I11
PWM2
I11: Current level control bit for Bridge 1.
PWM2: PWM input control pin for Bridge 2 when used as
a DC motor driver.
18
PROG2
Configuration Program pin. When used together with pin
7, it programs device into one of the four configurations
(see following Programmable Modes table).
19
GND
Ground.
20
I01
I01
PWM1
I01: Current level control bit for Bridge 1.
PWM1: PWM input control pin for bridge 1 when used as
a DC motor driver
21
OUT1B
Motor Driver Bridge 1 Output B.
22
COMPIN1
Current Comparator input for Bridge1.
23
SENSE1
Motor Driver Bridge 1 Sense Resistor.
24
VS
Supply voltage for output stages.
Table 1.
Pin Description (continued)
Pin N#
L6219_HI
(Pin7&18=00)
L6219_8
(Pin7&18=01)
L8229_x
(Pin7&18=10
or 11)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com