Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8229 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 18Page - STMicroelectronics L8229 Datasheet HTML 19Page - STMicroelectronics L8229 Datasheet HTML 20Page - STMicroelectronics L8229 Datasheet HTML 21Page - STMicroelectronics L8229 Datasheet HTML 22Page - STMicroelectronics L8229 Datasheet HTML 23Page - STMicroelectronics L8229 Datasheet HTML 24Page - STMicroelectronics L8229 Datasheet HTML 25Page - STMicroelectronics L8229 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L8229_0 and L8229_1 modes
L8229
22/42
8.1
Serial interface specification
This device, when in L8229_0 or L8229_1 configuration, is managed via a Serial Interface
Port for a total of 16 bits with 4 different words. This port provides an interface between the
chip and external digital ASIC. For the user this port is write-only: assigned read registers
are for test mode purposes only.
The interface consists of 3 signal lines: chip select (nCS, active low), serial clock (SCLK)
and serial data input (SDI).
The digital ASIC initiates a serial transfer by pulling low the chip select line, nCS. Then it
generates 16 clock pulses on SCLK while presenting the serial data on input SDI. The data
is shifted into the L8229 on the rising edge of SCLK. The digital ASIC presents the data on
SDI one setup time (Tdsu) before the rising edge of SCLK. The data is held constant for the
data hold time (Tdhd) beyond the SCLK rising edge. The less significant bit, or LSB, is the
first to be shifted out of the digital ASIC and into the chip, followed by the remaining bits. The
last of the 16 bits is the most significant bit or MSB. SDI will remain at the value presented
with the last bit of data. The nCS line is then returned to a high state. The low to high
transition of nCS loads the data into the internal L8229 input register where all the inputs are
presented to their appropriate functions in a parallel mode.
In the event that there are less or more than 16 SCLK rising edges during nCS=0, the device
will interprete the packet as invalid. This enables the SPI bus to be shared with others
devices with similar packet skipping functionality (and with programming word length
different from 16 bits), without the use of nCS.
The outputs of the serial input port shall not "glitch" during any operation.
The serial interface is cleared by nRESET signal applied to pin 14. When nRESET=0,
output stages are in Hi-Z mode (all outputs off). Please note that neither TSD nor OCD reset
the SPI.
Table 15.
DC Specifications
(0°C
≤ T
j ≤ 125°C, VS = 32 V, unless otherwise specified)
Name
Description
Conditions
Min
Typ
Max
Units
Vref voltage
Internal reference voltage
1.94
2
2.06
V
Ioff-rev
Reverse current detection offset
(in Active Sync recirculation)
±50
mA
Table 16.
AC/Transient Specifications
(0°C
≤ T
j ≤ 125°C, VS = 32 V, unless otherwise specified)
Name
Description
Conditions
Min
Typ
Max
Units
Osc
Oscillator frequency
4
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com